Electronic Components Datasheet Search
  English  ▼

X  

AT88RF020 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT88RF020 Datasheet HTML 4Page - ATMEL Corporation AT88RF020 Datasheet HTML 5Page - ATMEL Corporation AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation AT88RF020 Datasheet HTML 10Page - ATMEL Corporation AT88RF020 Datasheet HTML 11Page - ATMEL Corporation AT88RF020 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
AT88RF020
2010C–RFID–2/06
field is ignored for obvious reasons, since it would normally point to memory Page 0,
which contains the embedded PUPI (serial number) and the actual LockBits field.
A command to lock Page 0 with password access will result in an ACK command being
issued with no other effects, since Page 0 can never be locked. Attempting to lock Page
0 is not viewed as an error, so the command will be executed in the normal manner.
CHECK PASSWORD
Command
The 64-bit value embedded within the CHECK PASSWORD command is compared to
the password stored within Page 3 of the memory (See Memory Map, Table 1 on page
2). If the input password matches the stored password, then the chip will reply with an
ACK command, and the device will be open to access. If the input password does not
match the internally stored password, then the chip will reply with a NACK command.
This command must be executed (and the proper password sent) before most device
accesses are allowed (some accesses are permitted without password validation). The
chip will remain accessible until power is removed or an incorrect password is sent to
the chip. If a subsequent password check fails, the chip will become inaccessible until a
valid password check is again executed.
Once the password has been properly acknowledged and device access opened, the
current password can be changed using the WRITE command. The device will remain
ACTIVE after the new password has been written until power is removed or until a sub-
sequent invalid password check occurs.
The only password that is not allowed is the “all ones” password. If the CHECK PASS-
WORD command is attempted for an “all ones” password, the device will respond with a
NACK command. If the “all ones” password is validly programmed into this device using
the WRITE command, the device will forever be locked out of future password validated
accesses.
It is strongly suggested that the “all zeroes” password be avoided since this password is
considered too simplistic and could represent a security risk. The device is delivered
with all zeros in the password page.
DESELECT Command
If the DESELECT command is properly received and the PICC is in the ACTIVE state,
the PICC will issue an ACK command and enter the HALT state. Its functionality is iden-
tical to HLTB as described in the anticollision section. A NACK response is never issued
following this command (see ISO 14443-3, section 7.4.7).
COUNT Command
The COUNT command is used to write Page 2. The first six bytes sent by the PCD
(referred to as the Signature) are written to the first six bytes of Page 2 unmodified. The
last two bytes of data sent by the PCD in the COUNT command are only placeholders
and will be ignored.
The 16-bit value stored in the counter field of Page 2 is incremented by one each time
COUNT is executed. Once the value of the counter reaches 0x8000, no further count
operations will be executed, and Page 2 will be effectively locked against further modifi-
cation. Password validation must occur before the COUNT command is permitted.
The chip will compute the new incremented count that will be written into the last two
bytes of Page 2 immediately following the incoming 6-byte data field. It is expected that
at least part of the 6-byte value will be the result of an externally computed crypto-
graphic operation on the new Counter value, thus permitting some degree of transaction
validation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com