Electronic Components Datasheet Search
  English  ▼

X  

AT88RF020 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation AT88RF020 Datasheet HTML 10Page - ATMEL Corporation AT88RF020 Datasheet HTML 11Page - ATMEL Corporation AT88RF020 Datasheet HTML 12Page - ATMEL Corporation AT88RF020 Datasheet HTML 13Page - ATMEL Corporation AT88RF020 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
AT88RF020
2010C–RFID–2/06
Package Drawing
16S2 – SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
16S2, 16-lead, 0.300" Wide Body, Plastic Gull Wing
Small Outline Package (SOIC)
1/9/02
16S2
A
COMMON DIMENSIONS
(Unit of Measure = inches)
SYMBOL
MIN
NOM
MAX
NOTE
Notes: 1. This drawing is for general information only; refer to JEDEC drawing MS-013, Variation AA for additional information.
2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed
0.15 mm (0.006") per side.
3. Dimension E does not include inter-lead Flash or protrusion. Inter-lead Flash and protrusions shall not exceed 0.25 mm
(0.010") per side.
4. L is the length of the terminal for soldering to a substrate.
5. The lead width B, as measured 0.36 mm (0.014") or greater above the seating plane, shall not exceed a maximum value of 0.61 mm
(0.024") per side.
A
0.0926
–
0.1043
A1
0.0040
–
0.0118
b
0.0130
–
0.0200
5
C
0.0091
–
0.0125
D
0.3977
–
0.4133
2
E
0.2914
–
0.2992
3
H
0.3940
–
0.4190
L
0.0160
–
0.050
4
e
0.050 BSC
A1
Side View
Top View
End View
H
E
b
N
1
e
A
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com