Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103-ICSAL Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT87C5103-ICSAL
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSAL Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT87C5103-ICSAL Datasheet HTML 9Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 10Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 11Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 12Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 13Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 14Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 15Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 16Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
13
4134D–8051–02/08
Figure 3. Quasi-Bi-directional Output
Open Drain Output
Configuration
The open-drain output configuration turns off all pull-ups and only drives the pull-down
transistor of the port driver when the port latch contains a logic 0. To be used as a logic
output, a port configured in this manner must have an external pull-up, typically a resis-
tor tied to VDD. The pull-down for this mode is the same as for the quasi-bi-directional
mode. The open drain port configuration is shown in Figure 4.
Figure 4. Open Drain Output
Push-Pull Output
Configuration
The push-pull output configuration has the same pull-down structure as both the open
drain and the quasi-bi-directional output modes, but provides a continuous strong pull-
up when the port latch contains a logic 1. The push-pull mode may be used when more
source current is needed from a port output. The push-pull port configuration is shown in
Figure 5.
Figure 5. Push-pull Output
2 CPU
Input
Pin
Strong
Very
Weak
N
P
P
Weak
P
Clock Delay
Port latch
Data
Data
Input
Pin
N
Port latch
Data
Data
Input
Pin
Strong
N
P
Port Latch
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com