Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103-ICSAL Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT87C5103-ICSAL
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSAL Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT87C5103-ICSAL Datasheet HTML 35Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 36Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 37Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 38Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 39Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 40Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 41Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 42Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
39
4134D–8051–02/08
Figure 22. PCA Interrupt System
PCA Modules: each one of the five compare/capture modules has six possible func-
tions. It can perform:
•
16-bit Capture, positive-edge triggered
•
16-bit Capture, negative-edge triggered
•
16-bit Capture, both positive and negative-edge triggered
•
16-bit Software Timer
•
16-bit High Speed Output
•
8-bit Pulse Width Modulator
In addition, module 4 can be used as a Watchdog Timer.
Each module in the PCA has a special function register associated with it. These regis-
ters are: CCAPM0 for module 0, CCAPM1 for module 1, etc. (See Table 24). The
registers contain the bits that control the mode that each module will operate in.
•
The ECCF bit (CCAPMn.0 where n = 0, 1, 2, 3, or 4 depending on the module)
enables the CCF flag in the CCON SFR to generate an interrupt when a match or
compare occurs in the associated module.
•
PWM (CCAPMn.1) enables the pulse width modulation mode.
•
The TOG bit (CCAPMn.2) when set causes the CEX output associated with the
module to toggle when there is a match between the PCA counter and the module's
capture/compare register.
•
The match bit MAT (CCAPMn.3) when set will cause the CCFn bit in the CCON
register to be set when there is a match between the PCA counter and the module's
capture/compare register.
•
The next two bits CAPN (CCAPMn.4) and CAPP (CCAPMn.5) determine the edge
that a capture input will be active on. The CAPN bit enables the negative edge, and
the CAPP bit enables the positive edge. If both bits are set both edges will be
enabled and a capture will occur for either transition.
•
The last bit in the register ECOM (CCAPMn.6) when set enables the comparator
function.
CF
CR
CCON
0xD8
CCF4 CCF3
CCF2 CCF1 CCF0
Module 4
Module 3
Module 2
Module 1
Module 0
ECF
PCA Timer/Counter
ECCFn CCAPMn.0
CMOD.0
IE.6
IE.7
To Interrupt
Priority Decoder
EC
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com