Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103-ICSAL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT87C5103-ICSAL
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSAL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT87C5103-ICSAL Datasheet HTML 17Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 18Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 19Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 20Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 21Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 22Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 23Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 24Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
21
4134D–8051–02/08
Figure 10. Full-Duplex Master-Slave Interconnection
Master Mode
The SPI operates in Master Mode when the Master bit, MSTR (1), in the SPCON register
is set. Only one Master SPI device can initiate transmissions. Software begins the trans-
mission from a Master SPI module by writing to the Serial Peripheral Data Register
(SPDAT). If the shift register is empty, the byte is immediately transferred to the shift
register. The byte begins shifting out on MOSI pin under the control of the serial clock,
SCK. Simultaneously, another byte shifts in from the Slave on the Master’s MISO pin.
The transmission ends when the Serial Peripheral transfer data flag, SPIF, in SPSTA
becomes set. At the same time that SPIF becomes set, the received byte from the Slave
is transferred to the receive data register in SPDAT. Software clears SPIF by reading
the Serial Peripheral Status register (SPSTA) with the SPIF bit set, and then reading the
SPDAT.
When the pin SS is pulled down during a transmission, the data is interrupted and when
the transmission is established again, the data present in the SPDAT is resent.
Slave Mode
The SPI operates in Slave Mode when the Master bit, MSTR (2), in the SPCON register is
cleared. Before a data transmission occurs, the Slave Select pin, SS, of the Slave
device must be set to “0”. SS must remain low until the transmission is complete.
In a Slave SPI module, data enters the shift register under the control of the SCK from
the Master SPI module. After a byte enters the shift register, it is immediately transferred
to the receive data register in SPDAT, and the SPIF bit is set. To prevent an overflow
condition, Slave software must then read the SPDAT before another byte enters the
shift register (3). A Slave SPI must complete the write to the SPDAT (shift register) at
least one bus cycle before the Master SPI starts a transmission. If the write to the data
register is late, the SPI transmits the data already in the shift register from the previous
transmission.
Transmission Formats
Software can select any of four combinations of serial clock (SCK) phase and polarity
using two bits in the SPCON: the Clock POLarity (CPOL (4)) and the Clock PHAse
(CPHA(4)). CPOL defines the default SCK line level in idle state. It has no significant
effect on the transmission format. CPHA defines the edges on which the input data are
sampled and the edges on which the output data are shifted (Figure 11 and Figure 12).
The clock phase and polarity should be identical for the Master SPI device and the com-
municating Slave device.
8-bit Shift Register
SPI
Clock Generator
Master MCU
8-bit Shift Register
MISO
MISO
MOSI
MOSI
SCK
SCK
VSS
VDD
SS
SS
Slave MCU
1.
The SPI module should be configured as a Master before it is enabled (SPEN set). Also
the Master SPI should be configured before the Slave SPI.
2.
The SPI module should be configured as a Slave before it is enabled (SPEN set).
3.
The maximum frequency of the SCK for an SPI configured as a Slave is the bus clock
speed.
4.
Before writing to the CPOL and CPHA bits, the SPI should be disabled (SPEN = "0").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com