Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103-ICSAL Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT87C5103-ICSAL
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSAL Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT87C5103-ICSAL Datasheet HTML 45Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 46Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 47Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 48Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 49Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 50Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 51Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 52Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
49
4134D–8051–02/08
Table 32. IE1 Register
IE1 (S:B1h)
Interrupt Enable Register
Reset Value = XXXX X0XXb
No Bit addressable
7
6
5
4
3
2
1
0
-
-
-
-
-
ESPI
-
-
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
ESPI
SPI Interrupt Enable bit
Clear to disable the SPI interrupt.
Set to enable the SPI interrupt.
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com