Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103-ICSAL Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT87C5103-ICSAL
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSAL Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT87C5103-ICSAL Datasheet HTML 18Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 19Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 20Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 21Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 22Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 23Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 24Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 25Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
22
4134D–8051–02/08
Figure 11. Data Transmission Format (CPHA = 0)
Figure 12. Data Transmission Format (CPHA = 1)
As shown in Figure 11, the first SCK edge is the MSB capture strobe. Therefore, the
Slave must begin driving its data before the first SCK edge, and a falling edge on the SS
pin is used to start the transmission. The SS pin must be toggled high and then low
between each byte transmitted (Figure 13).
Figure 13. CPHA/SS Timing
Figure 12 shows an SPI transmission in which CPHA is “1”. In this case, the Master
begins driving its MOSI pin on the first SCK edge. Therefore the Slave uses the first
SCK edge as a start transmission signal. The SS pin can remain low between transmis-
sions (Figure 13). This format may be preferable in systems having only one Master and
only one Slave driving the MISO data line.
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
1
3
2
4
5
6
7
8
Capture Point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (Internal)
SCK Cycle Number
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
1
3
2
4
5
6
7
8
Capture Point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (Internal)
SCK Cycle Number
Byte 1
Byte 2
Byte 3
MISO/MOSI
Master SS
Slave SS
(CPHA = 1)
Slave SS
(CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com