Electronic Components Datasheet Search
  English  ▼

X  

SC630 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC630
Description  Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC630 Datasheet(HTML) 5 Page - Semtech Corporation

  SC630 Datasheet HTML 1Page - Semtech Corporation SC630 Datasheet HTML 2Page - Semtech Corporation SC630 Datasheet HTML 3Page - Semtech Corporation SC630 Datasheet HTML 4Page - Semtech Corporation SC630 Datasheet HTML 5Page - Semtech Corporation SC630 Datasheet HTML 6Page - Semtech Corporation SC630 Datasheet HTML 7Page - Semtech Corporation SC630 Datasheet HTML 8Page - Semtech Corporation SC630 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SC630
5
Typical Characteristics
Load Regulation
25
20
15
10
5
0
0
90
180
270
360
450
Output Current (mA)
TA=85°C
TA=25°C
TA=-40°C
VOUT = 3.3V, VIN = 3.6V
-20
-15
-10
-5
0
5
10
15
20
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
VOUT = 3.3V, IOUT = 1mA
85°C
3.6V, 0mV
25°C
-40°C
50
60
70
80
90
100
0
90
180
270
360
450
Load Current (mA)
VOUT = 3.3V
VIN = 3.4V
VIN = 3.6V
VIN = 3.8V
VIN = 4.0V
Efficiency versus Load Current
Line Regulation
PSRR — 1x Mode
PSRR — 1.5x Mode
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (Hz)
VIN = 3.2V, VOUT = 3.3V, IOUT = 50mA
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (Hz)
VIN = 4.2V, VOUT = 3.3V, IOUT = 50mA
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com