Electronic Components Datasheet Search
  English  ▼

X  

SC630 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC630
Description  Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC630 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC630 Datasheet HTML 6Page - Semtech Corporation SC630 Datasheet HTML 7Page - Semtech Corporation SC630 Datasheet HTML 8Page - Semtech Corporation SC630 Datasheet HTML 9Page - Semtech Corporation SC630 Datasheet HTML 10Page - Semtech Corporation SC630 Datasheet HTML 11Page - Semtech Corporation SC630 Datasheet HTML 12Page - Semtech Corporation SC630 Datasheet HTML 13Page - Semtech Corporation SC630 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SC630
12
Applications Information (continued)
PCB Layout Considerations
Poor layout can degrade the performance of the regula-
tor and can be a contributory factor in EMI problems,
ground bounce, thermal issues, and resistive voltage
losses. Poor regulation and instability can result.
The following design rules are recommended:
Place the bucket capacitors as close to the device as
possible and on the same side of the board. Use short
wide copper areas between the capacitor pins and
the device pins.
1.
Place the input and output decoupling capacitors
as close as possible to the device and connect these
capacitors’ground pads together to the ground plane
using multiple vias through a short wide copper
area.
Connect pin 1 directly to the copper area under the
thermal pad.
The thermal pad at the center of the device is not
electrically connected. Connect this pad to the
ground plane using multiple vias.
Use a ground plane to further reduce noise
interference on sensitive circuit nodes.
2.
3.
4.
5.
COUT
EN
IN
CIN
SC630
OUT
C2+
C2-
C1+
C1-
GND
C2
GND
EN
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com