Electronic Components Datasheet Search
  English  ▼

X  

SC630 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC630
Description  Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC630 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC630 Datasheet HTML 6Page - Semtech Corporation SC630 Datasheet HTML 7Page - Semtech Corporation SC630 Datasheet HTML 8Page - Semtech Corporation SC630 Datasheet HTML 9Page - Semtech Corporation SC630 Datasheet HTML 10Page - Semtech Corporation SC630 Datasheet HTML 11Page - Semtech Corporation SC630 Datasheet HTML 12Page - Semtech Corporation SC630 Datasheet HTML 13Page - Semtech Corporation SC630 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SC630
11
Over-Temperature Protection
The over-temperature circuit helps prevent the device
from overheating and experiencing a catastrophic failure.
When the junction temperature exceeds 165°C the device
is disabled. It remains disabled until the junction tempera-
ture drops below this threshold. Hysteresis is included
that prevents the device from re-enabling until the junc-
tion temperature is reduced by 20°C.
Capacitor Selection
The SC630 is designed to use low-ESR ceramic capacitors
for the input and output bypass capacitors as well as the
charge pump bucket capacitors. Ideal performance is
achieved when the bucket capacitors are exactly equal.
The value of input and output decoupling capacitors will
vary with system requirements. C
IN
and C
OUT
are normally
22μF and the bucket capacitors C
1
and C
2
are 2.2μF. For
low profile designs, two parallel 10μF capacitors may be
used in place of each 22μF.
For applications with load currents below 100 mA, the
bucket capacitors may be reduced to 1μF and the input
and output capacitors may be reduced to 10μF. The fol-
lowing table lists recommended capacitor values. Note
that the smallest available capacitor packages have very
poor DC voltage characteristics. 0402 and 0603 size
capacitors may be as low as 50% of rated value
at 3.3V.
Applications Information (continued)
The following capacitors are recommended for best per-
formance. Use only X5R ceramic with a voltage rating of
6.3V or higher.
Table 1 — Recommended Capacitors
Capacitor
Value
μF
Case
Size
Notes
C
IN
, C
OUT
22
0805
Typical output V
PP
≤ 20mV in all
charge pump modes
Typical input ripple ≤ 100mV in all
charge pump modes
C
IN
, C
OUT
10
0805
Typical performance is similar to
the 22uF if 0805 capacitor size is
used, due to the weaker DC volt-
age coefficient of the 22uF 0805.
C
IN
, C
OUT
10
0603
Typical output V
PP
as high as
75mV in boosting charge pump
modes
Typical input ripple as high as
175mV in boosting charge pump
modes
For a lower profile design, two
10uF 0603’s may be substituted
in place of one 10uF or 22uF
0805. Two are needed, due to the
weaker DC voltage coefficient of
the 0603 package size.
C
BUCKET
2.2
0603
Required for the full rated output
current
C
BUCKET
2.2
0402
Useful for load current up to
300mA
C
BUCKET
1.0
0402
Useful for load current up to
100mA
NOTE: Use only X5R type capacitors, with a 6.3V rating or higher
The highest capacitance values in the smallest package
sizes tend to have poor DC voltage characteristics. The
highest value 0402 size capacitor retains as little as 35% of
its rated value at 5VDC. The same value chosen in the next
larger package size (0603) retains about 60% of its rated
value at 5VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com