Electronic Components Datasheet Search
  English  ▼

X  

SC630 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC630
Description  Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC630 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC630 Datasheet HTML 6Page - Semtech Corporation SC630 Datasheet HTML 7Page - Semtech Corporation SC630 Datasheet HTML 8Page - Semtech Corporation SC630 Datasheet HTML 9Page - Semtech Corporation SC630 Datasheet HTML 10Page - Semtech Corporation SC630 Datasheet HTML 11Page - Semtech Corporation SC630 Datasheet HTML 12Page - Semtech Corporation SC630 Datasheet HTML 13Page - Semtech Corporation SC630 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SC630
10
General Description
The SC630 is a 3.3V output charge pump regulator
designed to support up to 400mA (T
A ≤
85°C, 3.15V
≤ V
IN ≤
5.5V) of continuous current. It is used for powering Micro
HDDs (Hard Disk Drives) and other 3.3V devices in porta-
ble handheld equipment including Compact Flash and
CF+ products.
The SC630 has three operating modes — 1x, 1.5x, and 2x.
The 1x mode is a linear series regulation mode with a low
output resistance of only 300m
Ω. The 1x mode functions
as a low noise series linear regulator. The 1.5x and 2x
modes are a low noise constant frequency, constant duty
cycle switch mode, using two bucket capacitors. One
bucket supports the full output current while the other
bucket charges from the input. The two buckets exchange
roles in the next phase, supplying continuous output
current in both phases and reducing the need for a large
output decoupling capacitor. The constant frequency,
constant duty cycle operation also produces predictable
constant frequency harmonics.
Mode Transition Hysteresis
Hysteresis is provided to prevent chatter between charge
pump modes for input steps of up to 120mV. Decouple
the input to prevent steps greater than 120mV, for
optimum transient performance, when the input voltage
reaches the mode transition thresholds.
Thermal Resistance
The SC630 package is thermally efficient when the circuit
board layout connects the thermal pad through multiple
vias to the ground plane. The thermal resistance is depen-
dent upon the connection between the thermal pad and
the ground plane. A layout that is done correctly should
keep the junction temperature below the over-tempera-
ture limit while operating the SC630 within the specified
electrical conditions. A poor layout may allow the junc-
tion temperature to reach the over temperature limit, so
it is important to maintain adequate ground plane around
the device to maximize heat transfer to the PCB.
Temperature Derating
The load current and battery voltage range of the applica-
tion should be compared with the efficiency plots on
page 6 to determine if 2x mode is required by the appli-
cation. The data provided in the following derating curve
for 2x mode is based on the peak power dissipation that
could occur while in 2x mode. 1x and 1.5x modes do not
require derating.
100
150
200
250
300
350
400
450
35
45
55
65
75
85
95
105
Ambient Temperature (°C)
Derating for applications
requiring only 1x and 1.5x
modes
Derating for applications
requiring 2x mode
Maximum Continuous Output
Protection Circuitry
The SC630 also provides protection circuitry that pre-
vents the device from operating in an unspecified state.
These functions include:
Over-Current Protection (OCP)
Short-Circuit Current Protection (SCCP)
Over-Temperature Protection (OTP)
Over-Current Protection
Over-current protection is provided to limit the output
current. When V
OUT
is greater than 2V, OCP limits the
output to 1A typical. The threshold at 2V allows the device
to recover from excessive voltage droop during an over
current.
Short-Circuit Current Protection
Short-circuit current protection is provided to limit the
current that can be sourced when the output is shorted
to ground. When a short circuit forces V
OUT
to drop below
2V, the SCCP detects the condition and limits the output
current to 250mA (typical).
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com