Electronic Components Datasheet Search
  English  ▼

X  

SC630 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC630
Description  Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC630 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC630 Datasheet HTML 2Page - Semtech Corporation SC630 Datasheet HTML 3Page - Semtech Corporation SC630 Datasheet HTML 4Page - Semtech Corporation SC630 Datasheet HTML 5Page - Semtech Corporation SC630 Datasheet HTML 6Page - Semtech Corporation SC630 Datasheet HTML 7Page - Semtech Corporation SC630 Datasheet HTML 8Page - Semtech Corporation SC630 Datasheet HTML 9Page - Semtech Corporation SC630 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SC630
6
Typical Characteristics (continued)
Efficiency — 10mA
Efficiency — 50mA
Efficiency — 200mA
Efficiency — 100mA
Efficiency — 400mA
Efficiency — 300mA
50
60
70
80
90
100
VOUT = 3.3V, IOUT = 10mA
Input Voltage (V)
1x Mode
1.5x Mode
Mode
Transition
Hysteresis
2.7
3.0
3.3
3.6
3.9
4.2
50
60
70
80
90
100
Input Voltage (V)
VOUT = 3.3V, IOUT = 50mA
1x Mode
1.5x Mode
Mode
Transition
Hysteresis
2.7
3.0
3.3
3.6
3.9
4.2
50
60
70
80
90
100
VOUT = 3.3V, IOUT = 100mA
Input Voltage (V)
1x Mode
1.5x Mode
Mode
Transition
Hysteresis
2.7
3.0
3.3
3.6
3.9
4.2
50
60
70
80
90
100
Input Voltage (V)
VOUT = 3.3V, IOUT = 200mA
1x Mode
1.5x Mode
2x Mode
Mode
Transition
Hysteresis
2.7
3.0
3.3
3.6
3.9
4.2
Input Voltage (V)
VOUT = 3.3V, IOUT = 400mA
1x Mode
1.5x Mode
2x Mode
40
52
64
76
88
100
2.7
3.0
3.3
3.6
3.9
4.2
Mode
Transition
Hysteresis
40
52
64
76
88
100
Input Voltage (V)
VOUT = 3.3V, IOUT = 300mA
1x Mode
1.5x Mode
2x Mode
Mode
Transition
Hysteresis
2.7
3.0
3.3
3.6
3.9
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com