Electronic Components Datasheet Search
  English  ▼

X  

ATR2730 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR2730
Description  L-band Down-converter for DAB Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2730 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR2730 Datasheet HTML 1Page - ATMEL Corporation ATR2730 Datasheet HTML 2Page - ATMEL Corporation ATR2730 Datasheet HTML 3Page - ATMEL Corporation ATR2730 Datasheet HTML 4Page - ATMEL Corporation ATR2730 Datasheet HTML 5Page - ATMEL Corporation ATR2730 Datasheet HTML 6Page - ATMEL Corporation ATR2730 Datasheet HTML 7Page - ATMEL Corporation ATR2730 Datasheet HTML 8Page - ATMEL Corporation ATR2730 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
• Supply Voltage: 8.5V
• RF Frequency Range: 1400 MHz to 1550 MHz
• IF Frequency Range: 150 MHz to 250 MHz
• Enhanced IM3 Rejection
• Overall Gain Control Range: 30 dB Typically
• DSB Noise Figure: 10 dB
• Gain-controlled Amplifier and L-band Mixer
• Power-down Function for the Analog Part
• On-chip Gain-control Circuitry
• On-chip VCO, Typical Frequency 1261.568 MHz
• Internal VCO Can Be Overdriven by an External LO
• On-chip Frequency Synthesizer
– Fixed LO Divider Factor: 2464
– Nine Selectable Reference Divider Factors: 32, 33, 35, 36, 48, 49, 63, 64, 65
– A Reference Oscillator (Can Be Overdriven by an External Reference Signal)
– Tri-state Phase Detector with Programmable Charge Pump
– Programmable Deactivation of Tuning Output
– Lock-status Indication
– Test Interface
1.
Description
The ATR2730 is a monolithically integrated L-band down-converter circuit fabricated
with Atmel®’s advanced UHF5S technology. This IC covers all functions of an L-band
down-converter in a DAB receiver. The device includes a gain-controlled amplifier, a
gain-controlled mixer, an output buffer, a gain control block, a power-save function for
the analog part, an L-band oscillator, and a complete frequency synthesizer unit. The
frequency synthesizer block consists of a reference oscillator/buffer, a reference
divider, an RF divider, a tri-state phase detector, a loop filter amplifier, a lock detector,
a programmable charge pump, a test interface, and a control interface.
L-band
Down-converter
for DAB
Receivers
ATR2730
Preliminary
4903C–DAB–03/07


Similar Part No. - ATR2730

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2731 ATMEL-ATR2731 Datasheet
591Kb / 26P
DAB One-chip Front End
ATR2731-ILQY ATMEL-ATR2731-ILQY Datasheet
591Kb / 26P
DAB One-chip Front End
ATR2731-ILSY ATMEL-ATR2731-ILSY Datasheet
591Kb / 26P
DAB One-chip Front End
ATR2732 ATMEL-ATR2732 Datasheet
267Kb / 14P
Integrated DAB One-chip Front End
ATR2732N1 ATMEL-ATR2732N1 Datasheet
281Kb / 14P
Integrated DAB One-chip Front End
More results

Similar Description - ATR2730

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
L BAND DOWN CONVERTER IC
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
GENERAL PURPOSE L-BAND DOWN CONVERTER
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
L-BAND UP/DOWN CONVERTER
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
L-BAND DOWN CONVERTER IC
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
L-band Down Converter for Satellite Tuner
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
L-band Down Converter IC with On-Chip PLL
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
L-band Down-converter for DAB Receivers
logo
TEMIC Semiconductors
U2730B-B TEMIC-U2730B-B Datasheet
271Kb / 12P
L-Band Down-Converter for DAB Receivers
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com