Electronic Components Datasheet Search
  English  ▼

X  

ATR2730 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR2730
Description  L-band Down-converter for DAB Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2730 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR2730 Datasheet HTML 9Page - ATMEL Corporation ATR2730 Datasheet HTML 10Page - ATMEL Corporation ATR2730 Datasheet HTML 11Page - ATMEL Corporation ATR2730 Datasheet HTML 12Page - ATMEL Corporation ATR2730 Datasheet HTML 13Page - ATMEL Corporation ATR2730 Datasheet HTML 14Page - ATMEL Corporation ATR2730 Datasheet HTML 15Page - ATMEL Corporation ATR2730 Datasheet HTML 16Page - ATMEL Corporation ATR2730 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
4903C–DAB–03/07
ATR2730 [Preliminary]
9.
Phase-noise Performance
Measurement conditions:
Values acquired at pin 19 with HP 70000 spectrum analyzer. RF input (pin 26) is blocked
with 100 pF to GND.
A low phase-noise signal generator (Marconi
® 2042) was taken as PLL reference.
Figure 9-1.
Phase-noise Performance Operating Conditions: f
REF = 17.92 MHz, –10 dB,
I
PD = 200 µA
Center 1.261 568 GHz
Span 50.00 kHz
RB 100 Hz VB 100 Hz
RL -29.29 dBm
ATTEN 10 dB
10.00 dB/DIV
ST 15.00 sec
< -75 dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com