Electronic Components Datasheet Search
  English  ▼

X  

ATR2730 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATR2730
Description  L-band Down-converter for DAB Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2730 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATR2730 Datasheet HTML 10Page - ATMEL Corporation ATR2730 Datasheet HTML 11Page - ATMEL Corporation ATR2730 Datasheet HTML 12Page - ATMEL Corporation ATR2730 Datasheet HTML 13Page - ATMEL Corporation ATR2730 Datasheet HTML 14Page - ATMEL Corporation ATR2730 Datasheet HTML 15Page - ATMEL Corporation ATR2730 Datasheet HTML 16Page - ATMEL Corporation ATR2730 Datasheet HTML 17Page - ATMEL Corporation ATR2730 Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
4903C–DAB–03/07
ATR2730 [Preliminary]
10. Equivalent Circuits
Figure 10-1. AGC Control Circuit
Figure 10-2. VCO Circuit
60 MHz
550 MHz
Gain
controlled
mixer
Gain
controlled
amplifier
IF
output
Rth
TH
AGC
VRef2
VRef1
Resonator: Ceramic coaxial resonator
Murata® 3
× 3 mm, 1.6 GHz
DRR030 KE1R600TC
Resonator
VREF
BBY51
47 k
Ω
TANK
15 pF
1 pF
100 pF
1.8 pF
VTune
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com