Electronic Components Datasheet Search
  English  ▼

X  

ATR2730 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR2730
Description  L-band Down-converter for DAB Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2730 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR2730 Datasheet HTML 1Page - ATMEL Corporation ATR2730 Datasheet HTML 2Page - ATMEL Corporation ATR2730 Datasheet HTML 3Page - ATMEL Corporation ATR2730 Datasheet HTML 4Page - ATMEL Corporation ATR2730 Datasheet HTML 5Page - ATMEL Corporation ATR2730 Datasheet HTML 6Page - ATMEL Corporation ATR2730 Datasheet HTML 7Page - ATMEL Corporation ATR2730 Datasheet HTML 8Page - ATMEL Corporation ATR2730 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
4903C–DAB–03/07
ATR2730 [Preliminary]
Figure 1-1.
Block Diagram
Charge
pump
200/300
Tristate
phase
detector
Reference
counter
: Nref
Control
interface
Test
interface
26
∆U
25
VCO
RF counter
: 2464
Lock
detector
Band-
gap
Analog
part
Power save
(analog part)
Internal 5V supply voltage
for frequency synthesizer
Voltage
stabilizer
Lock
detector
18
5
2
14
12
20 k
Ω
15
16
11
1
17
6, 7, 8, 21, 22, 23, 24
19
3
AGC
RF
VREF
SI1
SI2
PLCK
PD
CD
CI
TI
OSCE
TH
OSCB
PSM
TANK
NRF
20
9
28
27
4
10
13
IF
VCC1 VCC3
VCC2
GND
VCC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com