Electronic Components Datasheet Search
  English  ▼

X  

ATR2730 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR2730
Description  L-band Down-converter for DAB Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2730 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR2730 Datasheet HTML 1Page - ATMEL Corporation ATR2730 Datasheet HTML 2Page - ATMEL Corporation ATR2730 Datasheet HTML 3Page - ATMEL Corporation ATR2730 Datasheet HTML 4Page - ATMEL Corporation ATR2730 Datasheet HTML 5Page - ATMEL Corporation ATR2730 Datasheet HTML 6Page - ATMEL Corporation ATR2730 Datasheet HTML 7Page - ATMEL Corporation ATR2730 Datasheet HTML 8Page - ATMEL Corporation ATR2730 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
4903C–DAB–03/07
ATR2730 [Preliminary]
Table 2-1.
Pin Description
Pin
Symbol
Function
1
PSM
Power save mode
2
SI2
Control input
3
VCC1
Supply voltage VCO
4
VREF
Reference pin of VCO
5
TANK
Tank pin of VCO
6, 7, 8, 21,
22, 23, 24
GND
Ground
9
VCC2
Supply voltage PLL
10
CI
Control input
11
TI
Test interface
12
CD
Active filter output
13
PD
Tri-state charge pump output
14
PLCK
Lock-indication output (open collector)
15
OSCB
Input of internal oscillator/buffer
16
OSCE
Output of internal oscillator/buffer
17
TH
Threshold voltage of comparator
18
AGC
Charge-pump output of comparator, AGC input for amplifier and mixer
19
IF
Intermediate frequency output
20
VCC3
Supply voltage
25
NRF
RF input (inverted)
26
RF
RF input
27
SI1
Control input
28
VCC4
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com