Electronic Components Datasheet Search
  English  ▼

X  

AT73C239 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT73C239
Description  Power Management and Analog Companions (PMAAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C239 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT73C239 Datasheet HTML 1Page - ATMEL Corporation AT73C239 Datasheet HTML 2Page - ATMEL Corporation AT73C239 Datasheet HTML 3Page - ATMEL Corporation AT73C239 Datasheet HTML 4Page - ATMEL Corporation AT73C239 Datasheet HTML 5Page - ATMEL Corporation AT73C239 Datasheet HTML 6Page - ATMEL Corporation AT73C239 Datasheet HTML 7Page - ATMEL Corporation AT73C239 Datasheet HTML 8Page - ATMEL Corporation AT73C239 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
• Main Supply 3.0V to 3.6V
• Independent 2.5V to 3.6V Auxiliary Supply for Backup Section
• Internal State Machine for Startup
• 25 mA/1.8V-2.75V Linear Low Drop Out Regulator with High PSRR and Low Noise
(LDO1)
• 30 mA/1.5V-1.8V Linear Low Drop Out Regulator with High PSRR and Low Noise
(LDO2)
• 60 mA/1.23V-1.5V-1.8V Linear Low Drop Out Regulator with High PSRR (LDO3)
• 2 mA/1.2V-1.5V-1.8V Linear Low Drop Out Regulator with Very Low Quiescent Current
(LDO4)
• HPBG Economic High Performance Voltage Reference for LDO Supply to RF Sections
• LPBG Low Power Voltage Reference to LDO4 During Backup Battery Operation
• Internal Oscillator Generates Internal Master Clock
• Internal Reset Generator for Main Supply
• Additional External Reset Input
• Two Wire Interface (TWI) for Independent Activation and Output Voltage Programming
for Each LDO
• Available in 3 x 3 x 0.9 mm 16-pin QFN Package
• Applications: GPS Modules, WLAN Devices, Wireless Modules
1.
Description
The AT73C239 is a four-channel Power Supply Power Management Unit (PMU) avail-
able in a QFN 3 x 3 mm package. It is a fully integrated, low cost, combined Power
Management device for wireless modules, GPS and WLAN devices. It integrates four
Linear Low Drop Out (LDO) Regulators, three of which provide high-accuracy RF per-
formance and one (LDO4) with very low quiescent current that is supplied by an
external backup battery. A Low Power Bandgap (LPBG) requiring no external capaci-
tor for decoupling, is used as reference voltage for LDO4 and starts when VBAT is
present. LDO4 regulates output voltage with extremely low quiescent current, maxi-
mizing the lifetime of the backup battery. An Internal State Machine manages the
startup of the other LDOs in the order of LDO3 then LDO1 then LDO2. An economic
High Power Bandgap (HPBG) provides highly accurate, low noise voltage reference
to LDOs 1, 2, 3. HPBG operates in switching mode thereby decreasing its current con-
sumption and becomes inactive when not directly supplied by VIN current. When the
RF LDOs are in idle mode, quiescent current is decreased to a minimum.
The AT73C239 features a Two-wire Interface (TWI) to increase the efficiency of the
system by disabling LDOs when not needed.
Power
Management
and Analog
Companions
(PMAAC)
AT73C239
4-channel
Power
Management for
Wireless
Modules
6201C–PMAAC–31-Jul-07


Similar Part No. - AT73C239

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C239 ATMEL-AT73C239 Datasheet
118Kb / 4P
Power Management for Mobiles (PM)
AT73C239 ATMEL-AT73C239_14 Datasheet
475Kb / 31P
Independent 2.5V to 3.6V Auxiliary Supply for Backup Section
More results

Similar Description - AT73C239

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C206 ATMEL-AT73C206 Datasheet
140Kb / 4P
Power Management And Analog Companions (PMAAC)
AT73C224-A ATMEL-AT73C224-A Datasheet
1Mb / 75P
Power Management and Analog Companions (PMAAC)
AT73C237 ATMEL-AT73C237 Datasheet
959Kb / 33P
Power Management and Analog Companions (PMAAC)
AT73C209 ATMEL-AT73C209 Datasheet
1Mb / 63P
Power Management and Analog Companions PMAAC)
AT73C213B ATMEL-AT73C213B Datasheet
1Mb / 37P
Power Management and Analog Companions (PMAAC)
AT73C240 ATMEL-AT73C240 Datasheet
1Mb / 38P
Power Management and Analog Companions
logo
STMicroelectronics
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
Reset and power management
10-Jan-2017
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
Reset and power management
22-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com