Electronic Components Datasheet Search
  English  ▼

X  

AT73C239 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT73C239
Description  Power Management and Analog Companions (PMAAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C239 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT73C239 Datasheet HTML 7Page - ATMEL Corporation AT73C239 Datasheet HTML 8Page - ATMEL Corporation AT73C239 Datasheet HTML 9Page - ATMEL Corporation AT73C239 Datasheet HTML 10Page - ATMEL Corporation AT73C239 Datasheet HTML 11Page - ATMEL Corporation AT73C239 Datasheet HTML 12Page - ATMEL Corporation AT73C239 Datasheet HTML 13Page - ATMEL Corporation AT73C239 Datasheet HTML 14Page - ATMEL Corporation AT73C239 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
6201C–PMAAC–31-Jul-07
AT73C239
7.
Startup Procedure
At VBAT Rising:
• LPBG automatically starts up.
• POR1 starts up LDO4.
At VDD3 Rising:
• POR2 enables the following:
– Supply Monitor with shutdown threshold setup at 2.7V in order to prevent corruption
in the baseband chip, when the core is still supplied
– Internal State machine that enables the other circuits according to the diagram
shown in Figure 7-1 on page 12.
– Two Wire Interface
At VDD3 Falling:
• The Supply Monitor generates a shut-down control signal when V
DD3 reaches 2.6V.
• The State Machine, upon receiving the shut-down control signal, generates the XRESO
signal to set the baseband chip in reset mode.
• The State Machine switches off LDO1, LDO2 and LDO3. HPBG is kept on in order to provide
a fast startup of the LDOs in case of glitches on V
DD3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com