Electronic Components Datasheet Search
  English  ▼

X  

AT73C239 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT73C239
Description  Power Management and Analog Companions (PMAAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C239 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT73C239 Datasheet HTML 17Page - ATMEL Corporation AT73C239 Datasheet HTML 18Page - ATMEL Corporation AT73C239 Datasheet HTML 19Page - ATMEL Corporation AT73C239 Datasheet HTML 20Page - ATMEL Corporation AT73C239 Datasheet HTML 21Page - ATMEL Corporation AT73C239 Datasheet HTML 22Page - ATMEL Corporation AT73C239 Datasheet HTML 23Page - ATMEL Corporation AT73C239 Datasheet HTML 24Page - ATMEL Corporation AT73C239 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
6201C–PMAAC–31-Jul-07
AT73C239
13.3
LDO3
Table 13-7.
LDO3 Parametric Table
Symbol
Parameter
Comments
Min
Typ
Max
Units
VDD3
Operating supply voltage
Switching Regulated
3.0
3.3
3.6
V
VO3
Output voltage
Factory programmed
1.75
1.8
1.85
V
Programmable
1.45
1.5
1.55
V
Programmable
1.18
1.23
1.28
V
I3
Load current
60
mA
IQC
Quiescent current
300
µA
ISC
Shutdown current
HiZ output
1
µA
ISH
Short circuit current
200
mA
tR
Startup time
100
µs
∆V
DC
Line regulation static
From 3.0V to 3.6V
2
mV
∆V
DC
Load regulation static
From 10% to 100% I3
2
mV
From 0 to 100% I3
3
∆V
TRAN
Line regulation dynamic
From 3.1V to 3.6V
t
R = tF = 5 µs, I3 = 60 mA
2mV
∆V
TRAN
Load regulation dynamic
From 10% to 100%
I1, tR = tF = 5 µs,
3mV
PSRR
Power Supply Rejection Ratio
Sine Wave, 100 kHz frequency,
3.3V mean 200 m VPP
40
dB
Sine Wave, 10 kHz frequency,
3.3V mean, 200 m V
PP
50
dB
Sine Wave, 1 kHz frequency,
3.3V mean 200 m VPP
70
dB
∆V
OUT
Startup Overshoot
30
mV
VN
Output Noise
10 Hz - 100 kHz, without VBG
35
µVRMS
VNT
Total Output Noise
10 Hz - 100 kHz
45
µVRMS
Table 13-8.
External Components
Schematic Reference
Description
C
OUT3
X5R 1 µF ± 20% ceramic capacitor
Table 13-9.
Control Modes
onldo3
sel3[0]
sel3[1]
VO3
0
X
X
HiZ
1001.8V
1101.5V
1011.23V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com