Electronic Components Datasheet Search
  English  ▼

X  

AT73C239 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT73C239
Description  Power Management and Analog Companions (PMAAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C239 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT73C239 Datasheet HTML 18Page - ATMEL Corporation AT73C239 Datasheet HTML 19Page - ATMEL Corporation AT73C239 Datasheet HTML 20Page - ATMEL Corporation AT73C239 Datasheet HTML 21Page - ATMEL Corporation AT73C239 Datasheet HTML 22Page - ATMEL Corporation AT73C239 Datasheet HTML 23Page - ATMEL Corporation AT73C239 Datasheet HTML 24Page - ATMEL Corporation AT73C239 Datasheet HTML 25Page - ATMEL Corporation AT73C239 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
22
6201C–PMAAC–31-Jul-07
AT73C239
13.4
LDO4
LDO4 generates 1.2V, 1.5V or 1.8V voltage from VBAT supply. Max DC load is 2 mA. The regu-
lator is activated when POR1 is released.
Table 13-10. LDO4 Parametric Table
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
BAT
Operating supply voltage
Backup Battery or Supercap
2.5
3.6
V
VO4
Output voltage
Factory programmed
1.7
1.8
1.9
V
Programmable
1.4
1.5
1.6
V
Programmable
1.1
1.2
1.3
V
I4
Load current
DC load current
2
mA
IQC
Quiescent current
3
5
µA
I
SC
Shutdown current
0.5
µA
tS
Startup time
200
µs
∆V
DC
Line regulation static
2.5V < VBAT < 3.6V
100
mV
∆V
DC
Load regulation static
0 < I
4 < 2 mA
100
mV
Table 13-11. LDO4 External Components
Schematic Reference
Description
COUT4
X5R 1 µF ± 20% capacitor
Table 13-12. onldo4 sel4[1:0] Control Modes
onldo4
sel4<1>
sel4<0>
VO4
0
XXHiZ
1001.8V
1011.5V
1101.2V
Table 13-13. trcore[1:0] Control Modes
trcore<1>
trcore<0>
VO4
00typ
0
1
+ 8 0mV
10- 80 mV
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com