Electronic Components Datasheet Search
  English  ▼

X  

AT73C239 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT73C239
Description  Power Management and Analog Companions (PMAAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C239 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT73C239 Datasheet HTML 1Page - ATMEL Corporation AT73C239 Datasheet HTML 2Page - ATMEL Corporation AT73C239 Datasheet HTML 3Page - ATMEL Corporation AT73C239 Datasheet HTML 4Page - ATMEL Corporation AT73C239 Datasheet HTML 5Page - ATMEL Corporation AT73C239 Datasheet HTML 6Page - ATMEL Corporation AT73C239 Datasheet HTML 7Page - ATMEL Corporation AT73C239 Datasheet HTML 8Page - ATMEL Corporation AT73C239 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
6201C–PMAAC–31-Jul-07
AT73C239
5.
Application Block Diagram
Figure 5-1.
AT73C239 Application Block Diagram
HPBG
LPBG
Internal Oscillator
Reset Generator
TWI
SM
LDO1
VDD
3.0V-3.6V
VOUT
1.8V or 2.7V
ILOAD 25 mA
Fuse1
POR1
Fuse2
POR1
VMON
VDD1
VO1
LDO2
VDD
3.0V-3.6V
VOUT
1.5V or 1.8V
ILOAD 30 mA
VDD2
VO2
LDO3
VDD
3.0V-3.6V
VOUT
1.2V or 1.5V or 1.8V
ILOAD 60 mA
VDD3
VO3
LDO4
VDD
2.5V-3.6V
VOUT
1.2V or 1.5V or 1.8V
ILOAD 2 mA
VBAT
VBG
CF
VO4
GNDA/AVSS
XRESIN
XRESO
TWCK
TWD
GNDD
VZAP
AT73C239
Baseband
GPS
Antenna
3.0V I/O
Supply
3.0V I/O
Backup Supply
1.8V
Backup Core
1.8 V Core
VIN
VBAT
VIN
VIN
to other regulators
VIN
TCXO
RF
LNA
3.0V Backup Battery (coin cell)
C
IN4
C
OUT4
(1µF)
C
OUT3
C
OUT2
C
OUT1
C
IN3
C
IN1
Main Supply
(1µF)
VIN 3.3V
Table 5-1.
Application Schematic Reference and Pin Description
Schematic Reference
Pin
Description
C
IN1
VDD1
1 µF ± 20% Ceramic Capacitor, X5R
C
IN2
VDD2
CIN3
VDD3
C
IN4
VBAT
C
OUT1
VO1
COUT2
VO2
C
OUT3
VO3
C
OUT4
VO4
CF
VBG
100 nF, ± 20% Ceramic Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com