Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2553 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM2553 Datasheet HTML 1Page - ATMEL Corporation ATSAM2553 Datasheet HTML 2Page - ATMEL Corporation ATSAM2553 Datasheet HTML 3Page - ATMEL Corporation ATSAM2553 Datasheet HTML 4Page - ATMEL Corporation ATSAM2553 Datasheet HTML 5Page - ATMEL Corporation ATSAM2553 Datasheet HTML 6Page - ATMEL Corporation ATSAM2553 Datasheet HTML 7Page - ATMEL Corporation ATSAM2553 Datasheet HTML 8Page - ATMEL Corporation ATSAM2553 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
6399A–DRMSD–13-Oct-08
ATSAM2553
3.
ATSAM2553 Internal Architecture
Figure 3-1.
Internal Architecture
The highly integrated architecture of the ATSAM2553 combines a specialized high-performance
RISC-based digital signal processor (DSP) and a general purpose 16-bit CISC-based control
processor (P16). An on-chip memory management unit (MMU) allows the DSP and the control
processor to share an internal 32K x 16 RAM as well as external ROM and/or RAM memory
devices. An intelligent peripheral I/O interface function handles other I/O interfaces, such as the
on-chip MIDI UART and 3 timers, with minimum intervention from the control processor. A key-
board/switches/sliders/LEDs autonomous scanning interface handles the specific music
instrument peripherals, including accurate keyboard velocity detection and communicates with
the control processor through a dedicated 304x11 dual port RAM. An LCD display interface
allows direct connection to common LCD displays
P16
Proces s or
256x16 RAM
512x16 ROM
64 Slots DSP
with
Algorithm s in
RAM
Memory
Manager
Unit
32k x 16
SRAM
MIDI UART
3 x Tim ers
Control &
Status regs
128 x 16
Scanning
RAM
Keyboards
Switches
Sliders
LEDs
Scanning I/F
DACLK
DABDx
DAAD
CLBD
WSBD
RUN
VCCBAT
A0-A23
D0-D15
RD/, WR/
CSx/
XIOx/
-4
8 bit ADC
MIDI IN/OUT
GPIO0
KBD|IO/
ROW0-2
BR0-10
MK0-10
VREFP
VREFN
VIN
Clock &
PLL
X1,X2
LFT
RESET/
PDWN/
DEBUG/
LCD
dis play
Interface
DB0-DB7
RS
R/W
E
A0-A24
D0-D15
RD/, WR/
CSx/
XIO/
MIDI IN/OUT
P0-3
KBDIO/
ROW0-3
BR0-10
MK0-10
304 x 11
VA33
AGND
VIN
10-bit ADC
DB0-DB7
RS
RW
ENB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com