Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2553 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM2553 Datasheet HTML 2Page - ATMEL Corporation ATSAM2553 Datasheet HTML 3Page - ATMEL Corporation ATSAM2553 Datasheet HTML 4Page - ATMEL Corporation ATSAM2553 Datasheet HTML 5Page - ATMEL Corporation ATSAM2553 Datasheet HTML 6Page - ATMEL Corporation ATSAM2553 Datasheet HTML 7Page - ATMEL Corporation ATSAM2553 Datasheet HTML 8Page - ATMEL Corporation ATSAM2553 Datasheet HTML 9Page - ATMEL Corporation ATSAM2553 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
6399A–DRMSD–13-Oct-08
ATSAM2553
3.4
Keyboards/Switches/Sliders/LEDs Scanning Interface
The scanning interface consists of hardwired logic. It time multiplexes keyboard, switches and
LEDs connections therefore minimizing the amount of wiring required. It communicates with the
P16 through an 304 x 11 dual port RAM and a few control registers. When a new incoming event
is detected, such as key-on, key-off or switch change, the scanning interface will notify the P16
by indicating the type of event. The P16 then simply reads the dual port RAM to get the corre-
sponding parameter, such as velocity or switch status. Conversely, the P16 simply writes into
the dual port RAM the led states to be displayed and the scanning interface will then take care of
time multiplexing the display.
The scanning interface uses an unique key velocity detect scheme with a pseudo-logarithmic
time scale. This allows velocities to be accurately detected, even when keyboard keys are
pressed very softly.
Finally a built-in 10-bit analog to digital converter (ADC) allows the connection of up to 16 contin-
uous controllers through external analog multiplexers such as the 4051.
3.5
LCD Display Interface
The LCD display interface uses a dedicated bidirectional data bus (DB0-DB7) an Instruc-
tion/data control RS, a read write signal R/W and an enable signal ENB. Built-in features are
included to accommodate even the slowest LCD displays.
3.6
Flash Programming
The ATSAM2553 enables programming Flash memories in three different ways:
• Blank Flash programming is done by the debug interface. This mode is very slow and should
be reserved for the initial boot sector programming.
• Program update. All the Flash content can be re-programmed. The ATSAM2553 cannot play
music during the Flash erase and programming. A specific firmware is used to program Flash
with the DSP
• Parameters update, e.g. in keyboard applications, backup parameter and sequencer song. If
the Flash enables concurrent read during program/erase, it is possible to backup parameters
in the upper memory plane while the µp firmware is running on the lower plane. The
ATSAM2553 cannot play music during the parameter backup because sound samples are
stored in both memory planes.
3.7
Flash Features
•3.3v or 5v
• Access time: 90 ns (for 12.288 MHz crystal)
• Dual plane with concurrent read while program/erase recommended for parameters backup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com