Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 452 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 452 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 448Page - ATMEL Corporation AT90USB646 Datasheet HTML 449Page - ATMEL Corporation AT90USB646 Datasheet HTML 450Page - ATMEL Corporation AT90USB646 Datasheet HTML 451Page - ATMEL Corporation AT90USB646 Datasheet HTML 452Page - ATMEL Corporation AT90USB646 Datasheet HTML 453Page - ATMEL Corporation AT90USB646 Datasheet HTML 454Page - ATMEL Corporation AT90USB646 Datasheet HTML 455Page - ATMEL Corporation AT90USB646 Datasheet HTML 456Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 459 page
background image
452
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
7.1 Idle Mode ...............................................................................................................52
7.2 ADC Noise Reduction Mode ..................................................................................52
7.3 Power-down Mode .................................................................................................52
7.4 Power-save Mode ..................................................................................................52
7.5 Standby Mode .......................................................................................................53
7.6 Extended Standby Mode .......................................................................................53
7.7 Power Reduction Register .....................................................................................54
7.8 Minimizing Power Consumption ............................................................................55
8
System Control and Reset .................................................................... 57
8.1 Internal Voltage Reference ....................................................................................62
8.2 Watchdog Timer ....................................................................................................63
9
Interrupts ................................................................................................ 68
9.1 Interrupt Vectors in ATmega32U6/AT90USB64/128 .............................................68
10
I/O-Ports .................................................................................................. 72
10.1 Introduction ..........................................................................................................72
10.2 Ports as General Digital I/O .................................................................................73
10.3 Alternate Port Functions ......................................................................................77
10.4 Register Description for I/O-Ports ........................................................................90
11
External Interrupts ................................................................................. 94
12
Timer/Counter0, Timer/Counter1, and Timer/Counter3 Prescalers ... 98
12.1 Internal Clock Source ..........................................................................................98
12.2 Prescaler Reset ...................................................................................................98
12.3 External Clock Source .........................................................................................98
12.4 General Timer/Counter Control Register – GTCCR ............................................99
13
8-bit Timer/Counter0 with PWM .......................................................... 100
13.1 Overview ............................................................................................................100
13.2 Timer/Counter Clock Sources ...........................................................................101
13.3 Counter Unit ......................................................................................................101
13.4 Output Compare Unit .........................................................................................102
13.5 Compare Match Output Unit ..............................................................................104
13.6 Modes of Operation ...........................................................................................105
13.7 Timer/Counter Timing Diagrams .......................................................................109
13.8 8-bit Timer/Counter Register Description ..........................................................110
14
16-bit Timer/Counter (Timer/Counter1 and Timer/Counter3) ........... 117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com