Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 453 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 453 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 449Page - ATMEL Corporation AT90USB646 Datasheet HTML 450Page - ATMEL Corporation AT90USB646 Datasheet HTML 451Page - ATMEL Corporation AT90USB646 Datasheet HTML 452Page - ATMEL Corporation AT90USB646 Datasheet HTML 453Page - ATMEL Corporation AT90USB646 Datasheet HTML 454Page - ATMEL Corporation AT90USB646 Datasheet HTML 455Page - ATMEL Corporation AT90USB646 Datasheet HTML 456Page - ATMEL Corporation AT90USB646 Datasheet HTML 457Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 459 page
background image
453
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
14.1 Overview ............................................................................................................117
14.2 Accessing 16-bit Registers ................................................................................119
14.3 Timer/Counter Clock Sources ...........................................................................122
14.4 Counter Unit ......................................................................................................122
14.5 Input Capture Unit .............................................................................................124
14.6 Output Compare Units .......................................................................................126
14.7 Compare Match Output Unit ..............................................................................127
14.8 Modes of Operation ...........................................................................................129
14.9 Timer/Counter Timing Diagrams .......................................................................136
14.10 16-bit Timer/Counter Register Description ......................................................138
15
8-bit Timer/Counter2 with PWM and Asynchronous Operation ...... 149
15.1 Overview ............................................................................................................149
15.2 Timer/Counter Clock Sources ...........................................................................150
15.3 Counter Unit ......................................................................................................150
15.4 Output Compare Unit .........................................................................................151
15.5 Compare Match Output Unit ..............................................................................153
15.6 Modes of Operation ...........................................................................................154
15.7 Timer/Counter Timing Diagrams .......................................................................158
15.8 8-bit Timer/Counter Register Description ..........................................................160
15.9 Asynchronous operation of the Timer/Counter ..................................................165
15.10 Timer/Counter Prescaler .................................................................................168
16
Output Compare Modulator (OCM1C0A) ........................................... 170
16.1 Overview ............................................................................................................170
16.2 Description .........................................................................................................170
17
Serial Peripheral Interface – SPI ......................................................... 172
17.1 SS Pin Functionality ..........................................................................................176
17.2 Data Modes .......................................................................................................179
18
USART ................................................................................................... 181
18.1 Overview ............................................................................................................181
18.2 Clock Generation ...............................................................................................182
18.3 Frame Formats ..................................................................................................185
18.4 USART Initialization ...........................................................................................187
18.5 Data Transmission – The USART Transmitter ..................................................188
18.6 Data Reception – The USART Receiver ...........................................................190
18.7 Asynchronous Data Reception ..........................................................................194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com