Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 454 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 454 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 450Page - ATMEL Corporation AT90USB646 Datasheet HTML 451Page - ATMEL Corporation AT90USB646 Datasheet HTML 452Page - ATMEL Corporation AT90USB646 Datasheet HTML 453Page - ATMEL Corporation AT90USB646 Datasheet HTML 454Page - ATMEL Corporation AT90USB646 Datasheet HTML 455Page - ATMEL Corporation AT90USB646 Datasheet HTML 456Page - ATMEL Corporation AT90USB646 Datasheet HTML 457Page - ATMEL Corporation AT90USB646 Datasheet HTML 458Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 459 page
background image
454
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
18.8 Multi-processor Communication Mode ..............................................................197
18.9 USART Register Description .............................................................................198
18.10 Examples of Baud Rate Setting .......................................................................203
19
USART in SPI Mode ............................................................................. 206
19.1 Overview ............................................................................................................206
19.2 Clock Generation ...............................................................................................207
19.3 SPI Data Modes and Timing ..............................................................................207
19.4 Frame Formats ..................................................................................................208
19.5 Data Transfer .....................................................................................................210
19.6 USART MSPIM Register Description ................................................................212
19.7 AVR USART MSPIM vs. AVR SPI ....................................................................214
20
2-wire Serial Interface .......................................................................... 216
20.1 Features ............................................................................................................216
20.2 2-wire Serial Interface Bus Definition ................................................................216
20.3 Data Transfer and Frame Format ......................................................................217
20.4 Multi-master Bus Systems, Arbitration and Synchronization .............................220
20.5 Overview of the TWI Module .............................................................................221
20.6 TWI Register Description ...................................................................................224
20.7 Using the TWI ....................................................................................................227
20.8 Transmission Modes .........................................................................................231
20.9 Multi-master Systems and Arbitration ................................................................244
21
USB controller ...................................................................................... 246
21.1 Features ............................................................................................................246
21.2 Block Diagram ...................................................................................................246
21.3 Typical Application Implementation ...................................................................247
21.4 General Operating Modes .................................................................................251
21.5 Power modes .....................................................................................................255
21.6 Speed Control ....................................................................................................256
21.7 Memory management ........................................................................................257
21.8 PAD suspend .....................................................................................................258
21.9 OTG timers customizing ....................................................................................259
21.10 Plug-in detection ..............................................................................................259
21.11 ID detection .....................................................................................................260
21.12 Registers description .......................................................................................261
21.13 USB Software Operating modes .....................................................................266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com