Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 457 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 457 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 451Page - ATMEL Corporation AT90USB646 Datasheet HTML 452Page - ATMEL Corporation AT90USB646 Datasheet HTML 453Page - ATMEL Corporation AT90USB646 Datasheet HTML 454Page - ATMEL Corporation AT90USB646 Datasheet HTML 455Page - ATMEL Corporation AT90USB646 Datasheet HTML 456Page - ATMEL Corporation AT90USB646 Datasheet HTML 457Page - ATMEL Corporation AT90USB646 Datasheet HTML 458Page - ATMEL Corporation AT90USB646 Datasheet HTML 459Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 457 / 459 page
background image
457
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
28.5 Entering the Boot Loader Program ....................................................................353
28.6 Addressing the Flash During Self-Programming ...............................................357
28.7 Self-Programming the Flash ..............................................................................358
29
Memory Programming ......................................................................... 366
29.1 Program And Data Memory Lock Bits ...............................................................366
29.2 Fuse Bits ............................................................................................................367
29.3 Signature Bytes .................................................................................................369
29.4 Calibration Byte .................................................................................................369
29.5 Parallel Programming Parameters, Pin Mapping, and Commands ...................369
29.6 Parallel Programming ........................................................................................372
29.7 Serial Downloading ............................................................................................380
29.8 Serial Programming Pin Mapping ......................................................................381
29.9 Programming via the JTAG Interface ................................................................385
30
Electrical Characteristics for AT90USB64/128 .................................. 398
30.1 Absolute Maximum Ratings* .............................................................................398
30.2 DC Characteristics .............................................................................................398
30.3 External Clock Drive Waveforms .......................................................................400
30.4 External Clock Drive ..........................................................................................400
30.5 Maximum speed vs. VCC ...........................................................................................................................400
30.6 2-wire Serial Interface Characteristics ...............................................................401
30.7 SPI Timing Characteristics ................................................................................403
30.8 Hardware Boot EntranceTiming Characteristics ................................................404
30.9 ADC Characteristics ..........................................................................................405
30.10 External Data Memory Timing .........................................................................407
31
AT90USB64/128 Typical Characteristics .......................................... 412
31.1 Input Voltage Levels ..........................................................................................413
31.2 Output Voltage Levels .......................................................................................414
31.3 Power-down Supply Current ..............................................................................416
31.4 Power-save Supply Current ...............................................................................417
31.5 Idle Supply Current ............................................................................................418
31.6 Active Supply Current ........................................................................................418
31.7 Reset Supply Current ........................................................................................419
31.8 I/O Pull-up Current .............................................................................................419
31.9 Bandgap Voltage ...............................................................................................420
31.10 Internal ARef Voltage ......................................................................................421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com