Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 455 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 455 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 451Page - ATMEL Corporation AT90USB646 Datasheet HTML 452Page - ATMEL Corporation AT90USB646 Datasheet HTML 453Page - ATMEL Corporation AT90USB646 Datasheet HTML 454Page - ATMEL Corporation AT90USB646 Datasheet HTML 455Page - ATMEL Corporation AT90USB646 Datasheet HTML 456Page - ATMEL Corporation AT90USB646 Datasheet HTML 457Page - ATMEL Corporation AT90USB646 Datasheet HTML 458Page - ATMEL Corporation AT90USB646 Datasheet HTML 459Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 455 / 459 page
background image
455
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
22
USB Device Operating modes ............................................................ 267
22.1 Introduction ........................................................................................................267
22.2 Power-on and reset ...........................................................................................267
22.3 Endpoint reset ...................................................................................................267
22.4 USB reset ..........................................................................................................268
22.5 Endpoint selection .............................................................................................268
22.6 Endpoint activation ............................................................................................268
22.7 Address Setup ...................................................................................................269
22.8 Suspend, Wake-up and Resume .......................................................................270
22.9 Detach ...............................................................................................................270
22.10 Remote Wake-up .............................................................................................271
22.11 STALL request .................................................................................................271
22.12 CONTROL endpoint management ..................................................................272
22.13 OUT endpoint management ............................................................................273
22.14 IN endpoint management ................................................................................275
22.15 Isochronous mode ...........................................................................................276
22.16 Overflow ..........................................................................................................277
22.17 Interrupts .........................................................................................................277
22.18 Registers .........................................................................................................278
23
USB Host Operating Modes ................................................................ 290
23.1 Pipe description .................................................................................................290
23.2 Detach ...............................................................................................................290
23.3 Power-on and Reset ..........................................................................................290
23.4 Device Detection ...............................................................................................291
23.5 Pipe Selection ....................................................................................................291
23.6 Pipe Configuration .............................................................................................291
23.7 USB Reset .........................................................................................................293
23.8 Address Setup ...................................................................................................293
23.9 Remote Wake-Up detection ..............................................................................293
23.10 USB Pipe Reset ...............................................................................................293
23.11 Pipe Data Access ............................................................................................293
23.12 Control Pipe management ...............................................................................294
23.13 OUT Pipe management ...................................................................................294
23.14 IN Pipe management .......................................................................................295
23.15 Interrupt system ...............................................................................................296
23.16 Registers .........................................................................................................297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com