Electronic Components Datasheet Search
  English  ▼

X  

BRS Datasheet(PDF) 9 Page - Texas Instruments

Part # BRS
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BRS Datasheet(HTML) 9 Page - Texas Instruments

Back Button BRS Datasheet HTML 5Page - Texas Instruments BRS Datasheet HTML 6Page - Texas Instruments BRS Datasheet HTML 7Page - Texas Instruments BRS Datasheet HTML 8Page - Texas Instruments BRS Datasheet HTML 9Page - Texas Instruments BRS Datasheet HTML 10Page - Texas Instruments BRS Datasheet HTML 11Page - Texas Instruments BRS Datasheet HTML 12Page - Texas Instruments BRS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
V -InputVoltage-V
I
I
=10mA
O
0
10
20
30
40
50
60
70
80
90
100
TPS61202
V
=5V,
PowerSaveDisabled
O
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5 5.5
I
=500mA
O
I
=100mA
O
I
=1000mA
O
3.27
3.30
3.33
1
10
100
1000
I
-OutputCurrent-mA
O
V =2.4V
I
TPS61201
V
=3.3V,
PowerSaveDisabled
O
t-Time-0.5 s/div
m
TPS61201
V
=3.3V,
PowerSaveDisabled
O
V =1.8V,R =11
I
L
W
4.95
5
5.05
1
10
100
100
I
-OutputCurrent-mA
O
V =2.4V
I
TPS61202
V
=5V,
PowerSaveDisabled
O
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
EFFICIENCY
OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 11.
Figure 12.
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
OUTPUT VOLTAGE, POWER SAVE MODE DISABLED
Figure 13.
Figure 14.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com