Electronic Components Datasheet Search
  English  ▼

X  

BRS Datasheet(PDF) 14 Page - Texas Instruments

Part # BRS
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BRS Datasheet(HTML) 14 Page - Texas Instruments

Back Button BRS Datasheet HTML 10Page - Texas Instruments BRS Datasheet HTML 11Page - Texas Instruments BRS Datasheet HTML 12Page - Texas Instruments BRS Datasheet HTML 13Page - Texas Instruments BRS Datasheet HTML 14Page - Texas Instruments BRS Datasheet HTML 15Page - Texas Instruments BRS Datasheet HTML 16Page - Texas Instruments BRS Datasheet HTML 17Page - Texas Instruments BRS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
Softstart and Short-Circuit Protection
Undervoltage Lockout
Overtemperature Protection
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
After being enabled, the device starts operating. At first it keeps the main output VOUT disconnected, and
charges the capacitor at VAUX. If the capacitor at VAUX is charged to about 2.5 V, the device switches to
normal operation. This means VOUT is turned on and the capacitor at VOUT is charged while the load
connected to the device is supplied. To ramp up the output voltage in a controlled way, the average current limit
is set to 400 mA and rise proportional to the increase of the output voltage. At an output voltage of about 1.2 V,
the current limit is at its nominal value. If the output voltage does not increase, the current limit will not increase.
There is no timer implemented. Thus the output voltage overshoot at startup, as well as the inrush current, is
kept at a minimum. The device ramps up the output voltage in a controlled manner even if a large capacitor is
connected at the output. When the output voltage does not increase above 1.2 V, the device assumes a
short-circuit at the output, and keeps the current limit low to protect itself and the application. When there is a
short at the output during operation, the current limit is decreased accordingly.
An undervoltage lockout function prevents the main output at VOUT from being supplied if the voltage at UVLO
drops below 0.25 V. When using a resistive divider at the voltage to be monitored, for example the supply
voltage, any threshold for the monitored voltage can be programmed. If in undervoltage lockout mode, the device
still maintains its supply voltage at VAUX, but it is not turned off until EN is programmed low. This undervoltage
lockout function is implemented in order to prevent the malfunctioning of the converter.
The device has a built-in temperature sensor which monitors the internal IC temperature. If the temperature
exceeds the programmed threshold (see electrical characteristics table), the device stops operating. As soon as
the IC temperature has decreased below the programmed threshold, it starts operating again. There is a built-in
hysteresis to avoid unstable operation at IC temperatures at the overtemperature threshold.
14
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com