Electronic Components Datasheet Search
  English  ▼

X  

BRS Datasheet(PDF) 17 Page - Texas Instruments

Part # BRS
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BRS Datasheet(HTML) 17 Page - Texas Instruments

Back Button BRS Datasheet HTML 13Page - Texas Instruments BRS Datasheet HTML 14Page - Texas Instruments BRS Datasheet HTML 15Page - Texas Instruments BRS Datasheet HTML 16Page - Texas Instruments BRS Datasheet HTML 17Page - Texas Instruments BRS Datasheet HTML 18Page - Texas Instruments BRS Datasheet HTML 19Page - Texas Instruments BRS Datasheet HTML 20Page - Texas Instruments BRS Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.ti.com
Capacitor at VAUX
Layout Considerations
THERMAL INFORMATION
P
D(MAX)
+
T
J(MAX)
* T
A
R
q
JA
+ 125°C * 85°C
48.7
°C W
+ 820 mW
(6)
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
Between the VAUX pin and GND a capacitor must be connected. This capacitor is used to maintain and filter the
control supply voltage. It is charged during startup and before the main output VOUT is turned on. To ensure
stable operation, using at least 0.1
µF is recommended. At output voltages below 2.5 V, the capacitance should
be in the range of 1
µF. Since this capacitor is also used as a snubber capacitor for the main switch, using a
ceramic capacitor with low ESR is important.
As for all switching power supplies, the layout is an important step in the design, especially at high peak currents
and high switching frequencies. If the layout is not carefully done, the regulator could show stability problems as
well as EMI problems. Therefore, use wide and short traces for the main current path and for the power ground
tracks. The input and output capacitor, as well as the inductor should be placed as close as possible to the IC.
Use a common ground node for power ground and a different one for control ground to minimize the effects of
ground noise. Connect these ground nodes at any place close to one of the ground pins of the IC.
The feedback divider should be placed as close as possible to the control ground pin of the IC. To lay out the
control ground, it is recommended to use short traces as well, separated from the power ground traces. This
avoids ground shift problems, which can occur due to superimposition of power ground current and control
ground current.
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the
power-dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are listed below.
• Improving the power dissipation capability of the PCB design
• Improving the thermal coupling of the component to the PCB
• Introducing airflow in the system
The maximum recommended junction temperature (TJ) of the TPS6120x devices is 125°C. The thermal
resistance of the 10-pin QFN 3
× 3 package (DRC) is RθJA = 48.7 °C/W, if the PowerPAD is soldered. Specified
regulator operation is assured to a maximum ambient temperature TA of 85°C. Therefore, the maximum power
dissipation is about 820 mW. More power can be dissipated if the maximum ambient temperature of the
application is lower.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com