Electronic Components Datasheet Search
  English  ▼

X  

BRS Datasheet(PDF) 16 Page - Texas Instruments

Part # BRS
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BRS Datasheet(HTML) 16 Page - Texas Instruments

Back Button BRS Datasheet HTML 12Page - Texas Instruments BRS Datasheet HTML 13Page - Texas Instruments BRS Datasheet HTML 14Page - Texas Instruments BRS Datasheet HTML 15Page - Texas Instruments BRS Datasheet HTML 16Page - Texas Instruments BRS Datasheet HTML 17Page - Texas Instruments BRS Datasheet HTML 18Page - Texas Instruments BRS Datasheet HTML 19Page - Texas Instruments BRS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ti.com
INMIN
UVLO
V
R3 = R4 x
- 1
V
æ
ö
ç
÷
ç
÷
è
ø
(2)
Inductor Selection
MIN
IN
s
L
= V
x 0.5
A
m
(3)
(
)
IN
OUT
IN
OUT
OUT
LMAX
IN
OUT
V
x
V
V
V
x I
I
=
+
0.8 x V
2 x V
x f x L
-
(4)
Capacitor Selection
Input Capacitor
Output Capacitor
OUT
F
C
= 5 x L x
H
m
m
(5)
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
To make sure that the TPS6120X devices can operate, an inductor must be connected between pin VIN and pin
L. To estimate the minimum inductance value Equation 3 can be used.
In Equation 3, the minimum inductance, LMIN, for boost mode operation is calculated. VIN is the maximum input
voltage. The recommended inductor value range is between 1.5
µH and 4.7 µH. The minimum inductor value
should not be below 1.5
µH, even if Equation 3 yields in something lower. Using 2.2 µH is recommended anyway
for getting best performance over the whole input and output voltage range.
With the chosen inductance value, the peak current for the inductor in steady state operation can be calculated.
Equation 4 shows how to calculate the peak current I.
This would be the critical value for the current rating for selecting the inductor. It also needs to be taken into
account that load transients and error conditions may cause higher inductor currents. The following inductor
series from different suppliers have been used with TPS6120x converters:
Table 1. List of Inductors
VENDOR
INDUCTOR SERIES
LPS3015
Coilcraft
LPS4012
Murata
LQH3NP
Tajo Yuden
NR3015
Wurth Elektronik
WE-TPC Typ S
At least a 4.7
µF input capacitor is recommended to improve transient behavior of the regulator and EMI
behavior of the total power supply circuit. A ceramic capacitor placed as close as possible to the VIN and PGND
pins of the IC is recommended.
For the output capacitor, it is recommended to use small ceramic capacitors placed as close as possible to the
VOUT and PGND pins of the IC. If, for any reason, the application requires the use of large capacitors which can
not be placed close to the IC, using a smaller ceramic capacitor in parallel to the large one is recommended.
This small capacitor should be placed as close as possible to the VOUT and PGND pins of the IC.
To get an estimate of the recommended minimum output capacitance, Equation 5 can be used.
A capacitor with a value in the range of the calculated minimum should be used. This is required to maintain
control loop stability. There are no additional requirements regarding minimum ESR. There is also no upper limit
for the output capacitance value. Larger capacitors cause lower output voltage ripple as well as lower output
voltage drop during load transients.
16
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com