Electronic Components Datasheet Search
  English  ▼

X  

BRS Datasheet(PDF) 11 Page - Texas Instruments

Part # BRS
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BRS Datasheet(HTML) 11 Page - Texas Instruments

Back Button BRS Datasheet HTML 7Page - Texas Instruments BRS Datasheet HTML 8Page - Texas Instruments BRS Datasheet HTML 9Page - Texas Instruments BRS Datasheet HTML 10Page - Texas Instruments BRS Datasheet HTML 11Page - Texas Instruments BRS Datasheet HTML 12Page - Texas Instruments BRS Datasheet HTML 13Page - Texas Instruments BRS Datasheet HTML 14Page - Texas Instruments BRS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
t-Time-1ms/div
TPS61202
V
=5V
O
V =1.8V,I =150mA to250mA
I
L
t-Time-2ms/div
TPS61201
V
=3.3V
O
V =1.8Vto2.4V,R =11
I
L
W
t-Time-2ms/div
TPS61202
V
=5V
O
V =3Vto3.6V,R =17
I
L
W
t-Time-100 s/div
m
TPS61201
V
=3.3V
O
V =1.8V,R =11
I
L
W
VoltageatL 2V/div,DC
InductorCurrent500mA/div,DC
Enable5V/div,DC
VoltageatVAUX2V/div,DC
OutputVoltage2V/div,DC
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 19.
Figure 20.
LINE TRANSIENT RESPONSE
START-UP AFTER ENABLE
Figure 21.
Figure 22.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com