Electronic Components Datasheet Search
  English  ▼

X  

CER Datasheet(PDF) 6 Page - Texas Instruments

Part # CER
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CER Datasheet(HTML) 6 Page - Texas Instruments

Back Button CER Datasheet HTML 2Page - Texas Instruments CER Datasheet HTML 3Page - Texas Instruments CER Datasheet HTML 4Page - Texas Instruments CER Datasheet HTML 5Page - Texas Instruments CER Datasheet HTML 6Page - Texas Instruments CER Datasheet HTML 7Page - Texas Instruments CER Datasheet HTML 8Page - Texas Instruments CER Datasheet HTML 9Page - Texas Instruments CER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.2 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8 4.2 4.6 5 5.4
V -InputVoltage-V
I
TPS61201,
V
=3.3V
O
TPS61200,
V
=1.8V
O
TPS61202,
V
=5V
O
0
10
20
30
40
50
60
70
80
90
100
0.10
1
10
100
1k
10k
I
-OutputCurrent-mA
O
V =0.9V
I
TPS61200
V
=1.8V,
PowerSave
Enabled
O
V =1.8V
I
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
FIGURE
Maximum output current
vs Input voltage
1
vs Output current (TPS61200), Power Save Enabled
2
vs Output current (TPS61200), Power Save Disabled
3
vs Output current (TPS61201), Power Save Enabled
4
vs Output current (TPS61201), Power Save Disabled
5
vs Output current (TPS61202), Power Save Enabled
6
Efficiency
vs Output current (TPS61202), Power Save Disabled
7
vs Input voltage (TPS61201), Power Save Enabled
8
vs Input voltage (TPS61201), Power Save Disabled
9
vs Input voltage (TPS61202), Power Save Enabled
10
vs Input voltage (TPS61202), Power Save Disabled
11
vs Output current (TPS61201)
12
Output voltage
vs Output current (TPS61202)
13
Output Voltage TPS61201, Power Save Mode Disabled
14
Output Voltage TPS61202, Power Save Mode Disabled
15
Output Voltage TPS61201, Power Save Mode Enabled
16
Output Voltage TPS61202, Power Save Mode Enabled
17
TPS61201 Load Transient Response
18
Waveforms
TPS61202 Load Transient Response
19
TPS61201 Line Transient Response
20
TPS61202 Line Transient Response
21
TPS61201 Startup after Enable
22
TPS61202 Startup after Enable
23
MAXIMUM OUTPUT CURRENT
EFFICIENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 1.
Figure 2.
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com