Electronic Components Datasheet Search
  English  ▼

X  

CER Datasheet(PDF) 15 Page - Texas Instruments

Part # CER
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CER Datasheet(HTML) 15 Page - Texas Instruments

Back Button CER Datasheet HTML 11Page - Texas Instruments CER Datasheet HTML 12Page - Texas Instruments CER Datasheet HTML 13Page - Texas Instruments CER Datasheet HTML 14Page - Texas Instruments CER Datasheet HTML 15Page - Texas Instruments CER Datasheet HTML 16Page - Texas Instruments CER Datasheet HTML 17Page - Texas Instruments CER Datasheet HTML 18Page - Texas Instruments CER Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
DESIGN PROCEDURE
Programming the Output Voltage
OUT
FB
V
R1 = R2 x
- 1
V
æ
ö
ç
÷
è
ø
(1)
L
VIN
EN
UVLO
PS
GND
PGND
FB
VAUX
VOUT
TPS61200
VIN
VOUT
C1
C2
C3
L1
R1
R2
R3
R4
Programming the UVLO Threshold Voltage
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
The TPS6120x DC/DC converters are intended for systems powered by a single up to triple cell Alkaline, NiCd,
NiMH battery with a typical terminal voltage between 0.7 V and 5.5 V. They can also be used in systems
powered by one-cell Li-Ion or Li-Polymer with a typical voltage between 2.5 V and 4.2 V. Additionally, any other
voltage source like solar cells or fuel cells with a typical output voltage between 0.3 V and 5.5 V can power
systems where the TPS6120x is used.
Within the TPS6120X family, there are fixed and adjustable output voltage versions available. To properly
configure the fixed output voltage devices, the FB pin is used to sense the output voltage. This means that it
must be connected directly to VOUT. At the adjustable output voltage versions, an external resistor divider is
used to adjust the output voltage. The resistor divider must be connected between VOUT, FB and GND. When
the output voltage is regulated properly, the typical value of the voltage at the FB pin is 500 mV. The maximum
recommended value for the output voltage is 5.5 V. The current through the resistive divider should be about 100
times greater than the current into the FB pin. The typical current into the FB pin is 0.01
µA, and the voltage
across the resistor between FB and GND, R2, is typically 500 mV. Based on those two values, the recommended
value for R2 should be lower than 500 kΩ, in order to set the divider current at 1 µA or higher. It is recommended
to keep the value for this resistor in the range of 200 k
Ω. The value of the resistor connected between VOUT and
FB, R1, depending on the needed output voltage (VOUT), can be calculated using Equation 1:
If as an example, an output voltage of 3.3 V is needed, a 1-M
Ω resistor should be chosen for R1 when for R2 a
180-k
Ω has been selected.
Figure 24. Typical Application Circuit for Adjustable Output Voltage Option
The UVLO input can be used to shut down the main output if the supply voltage is getting too low. The internal
reference threshold is typically 250 mV. If the supply voltage should cause the shutdown when it is dropping
below 250 mV, it can be connected directly to the UVLO pin. If the shutdown has already happen at higher
voltages, a resistor divider can be used. R3 and R4 in Figure 24 show an example of how to monitor the input
voltage of the circuit. The current through the resistive divider should be about 100 times greater than the current
into the UVLO pin. The typical current into the UVLO pin is 0.01
µA, and the voltage across R4 is equal to the
UVLO voltage threshold that is generated on-chip, which has a value of 250 mV. The recommended value for R4
is; therefore, in the range of 250 k
Ω. From this, the value of resistor R3, depending on the desired shutdown
voltage VINMIN, can be calculated using Equation 2.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com