Electronic Components Datasheet Search
  English  ▼

X  

CER Datasheet(PDF) 8 Page - Texas Instruments

Part # CER
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CER Datasheet(HTML) 8 Page - Texas Instruments

Back Button CER Datasheet HTML 4Page - Texas Instruments CER Datasheet HTML 5Page - Texas Instruments CER Datasheet HTML 6Page - Texas Instruments CER Datasheet HTML 7Page - Texas Instruments CER Datasheet HTML 8Page - Texas Instruments CER Datasheet HTML 9Page - Texas Instruments CER Datasheet HTML 10Page - Texas Instruments CER Datasheet HTML 11Page - Texas Instruments CER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
V -InputVoltage-V
I
I
=10mA
O
0
10
20
30
40
50
60
70
80
90
100
TPS61201
V
=3.3V,
PowerSaveEnabled
O
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5 5.5
I
=500mA
O
I
=100mA
O
I
=1000mA
O
0
10
20
30
40
50
60
70
80
90
100
0.10
1
10
100
1k
10k
I
-OutputCurrent-mA
O
V =0.9V
I
TPS61202
V
=5V,
PowerSaveDisabled
O
V =1.8V
I
V =3.6V
I
V =2.4V
I
V -InputVoltage-V
I
I
=10mA
O
0
10
20
30
40
50
60
70
80
90
100
TPS61202
V
=5V,
PowerSaveEnabled
O
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5 5.5
I
=500mA
O
I
=100mA
O
I
=1000mA
O
V -InputVoltage-V
I
I
=10mA
O
0
10
20
30
40
50
60
70
80
90
100
TPS61201
V
=3.3V,
PowerSaveDisabled
O
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5 5.5
I
=100mA
O
I
=500mA
O
I
=1000mA
O
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 7.
Figure 8.
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com