Electronic Components Datasheet Search
  English  ▼

X  

CER Datasheet(PDF) 10 Page - Texas Instruments

Part # CER
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CER Datasheet(HTML) 10 Page - Texas Instruments

Back Button CER Datasheet HTML 6Page - Texas Instruments CER Datasheet HTML 7Page - Texas Instruments CER Datasheet HTML 8Page - Texas Instruments CER Datasheet HTML 9Page - Texas Instruments CER Datasheet HTML 10Page - Texas Instruments CER Datasheet HTML 11Page - Texas Instruments CER Datasheet HTML 12Page - Texas Instruments CER Datasheet HTML 13Page - Texas Instruments CER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
t-Time-2ms/div
TPS61201
V
=3.3V,
PowerSaveEnabled
O
V =1.8V,R =33k
I
L
W
t-Time-1 s/div
m
TPS61202
V
=5V,
PowerSaveDisabled
O
V =1.8V,R =17
I
L
W
t-Time-100 s/div
m
TPS61202
V
=5V,
PowerSaveEnabled
O
V =1.8V,R =55k
I
L
W
t-Time-1ms/div
TPS61201
V
=3.3V
O
V =1.8V,I =300mA to400mA
I
L
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
OUTPUT VOLTAGE, POWER SAVE MODE DISABLED
OUTPUT VOLTAGE IN POWER SAVE MODE
Figure 15.
Figure 16.
OUTPUT VOLTAGE IN POWER SAVE MODE
LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com