Electronic Components Datasheet Search
  English  ▼

X  

CER Datasheet(PDF) 4 Page - Texas Instruments

Part # CER
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CER Datasheet(HTML) 4 Page - Texas Instruments

  CER Datasheet HTML 1Page - Texas Instruments CER Datasheet HTML 2Page - Texas Instruments CER Datasheet HTML 3Page - Texas Instruments CER Datasheet HTML 4Page - Texas Instruments CER Datasheet HTML 5Page - Texas Instruments CER Datasheet HTML 6Page - Texas Instruments CER Datasheet HTML 7Page - Texas Instruments CER Datasheet HTML 8Page - Texas Instruments CER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
PIN ASSIGNMENTS
PGND
L
VIN
EN
GND
VOUT
UVLO
PS
VAUX
FB
DRCPACKAGE
(TOP VIEW)
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
6
I
Enable input (1: enabled, 0: disabled).
FB
10
I
Voltage feedback of adjustable versions, must be connected to VOUT at fixed output voltage versions
GND
9
Control / logic ground
PS
8
I
Enable/disable Power Save mode (1 : disabled, 0: enabled)
L
3
I
Connection for Inductor
UVLO
7
I
Undervoltage lockout comparator input, must be connected to VAUX if not used
PGND
4
Power ground
VIN
5
I
Boost converter input voltage
VOUT
2
O
Boost converter output
VAUX
1
O/I
Supply voltage for control stage
PowerPAD™
Must be soldered to achieve appropriate power dissipation. Should be connected to PGND.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61200 TPS61201 TPS61202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com