Electronic Components Datasheet Search
  English  ▼

X  

HV311LG Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV311LG
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311LG Datasheet(HTML) 8 Page - Supertex, Inc

Back Button HV311LG Datasheet HTML 4Page - Supertex, Inc HV311LG Datasheet HTML 5Page - Supertex, Inc HV311LG Datasheet HTML 6Page - Supertex, Inc HV311LG Datasheet HTML 7Page - Supertex, Inc HV311LG Datasheet HTML 8Page - Supertex, Inc HV311LG Datasheet HTML 9Page - Supertex, Inc HV311LG Datasheet HTML 10Page - Supertex, Inc HV311LG Datasheet HTML 11Page - Supertex, Inc HV311LG Datasheet HTML 12Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
HV301/HV311
Start up Overload Protection
Start up must be achieved within a nominal 100ms as indicated
by the PWRGD pin transition to the active state or the circuit will
reset and an automatic restart will initiate. If there is an output
overload or short circuit during start up, the circuit will be in
current limit for the 100ms time limit (in servo mode). In feedback
capacitor mode the circuit breaker will shutdown the pass FET
before 100ms.
Circuit Breaker
The circuit breaker will trip in less than 5µs when the voltage on
the SENSE pin reaches a nominal 100mV. A resistor in series
with the SENSE pin and a capacitor connected between the
SENSE and V
EE pins may be added to delay the rate of voltage
rise on the SENSE pin, thus permitting a current overshoot and
delaying Circuit Breaker activation.
Automatic Restart
The automatic restart delay time is directly proportional to the
capacitance at the RAMP pin. Automatic restart sequence is
activated whenever the 100ms timeout is reached during start up
or the circuit breaker is tripped.
These equations assume that the load is purely capacitive and
the following definitions apply.
C
RAMP is the external capacitor connected to the RAMP pin.
I
RAMP is the output current from the RAMP pin, nominally
10µA, when the voltage drop on R
SENSE resistor is zero.
V
INT is the internally regulated supply voltage and can range
from 8.5V to 12V.
V
GS(th) is the gate threshold voltage of the external pass
transistor and may be obtained from its datasheet.
V
GS(limit) is the external pass transistor gate-source voltage
required to obtain the limit current. It is dependent on the
pass transistor’s characteristics and may be obtained from
the transfer characteristics on the transistor datasheet.
g
fs is the transconductance of the external pass transistor
and may be obtained from its datasheet.
R
FB is the internal feedback resistor and is nominally 5kΩ.
I
LIMIT is the load current when the voltage drop on the RSENSE
resistor is 50mV.
These equations may be used to calculate the minimum value of
C
RAMP for the most critical system performance characteristics.
For maximum contact bounce duration protection choose a
value for
t
POR and use the following equation:
C
tI
V
RAMP
POR
RAMP
GS th
=
×
+
24
.
()
If control of PWRGD active delay is the critical system param-
eter, then choose a value for
t
PWRGD and use the following
equation:
C
tI
VV
RAMP
PWRGD
RAMP
INT
GS
=
×
−−
()
.
limit
12
Design Information, cont’d.
Auto-retry can be approximated as a
555-timer with 2.5µA charge up and
charge down currents through 8V, to
a count of 256. Therefore,
T=
28 256
2.5 A
C
AUTORETRY
ramp
××
×
µ
Due to the 2.5µA max charge current a resistor which draws
more than 2.5µA below 8V will disable the autoretry. Try to
keep this resistor as big as possible, e.g. 2.5MΩ, for most
MOSFETs with max V
t of 4V this will vary the 10µA Ramp
current source by only 4/2.5MΩ=1.6µA.
2.5
µA
2.5
µA
C
ramp
e.g.
28 256
2.5 A
Ion = 16.4s
××
µ
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com