Electronic Components Datasheet Search
  English  ▼

X  

HV311LG Datasheet(PDF) 17 Page - Supertex, Inc

Part # HV311LG
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311LG Datasheet(HTML) 17 Page - Supertex, Inc

Back Button HV311LG Datasheet HTML 13Page - Supertex, Inc HV311LG Datasheet HTML 14Page - Supertex, Inc HV311LG Datasheet HTML 15Page - Supertex, Inc HV311LG Datasheet HTML 16Page - Supertex, Inc HV311LG Datasheet HTML 17Page - Supertex, Inc HV311LG Datasheet HTML 18Page - Supertex, Inc HV311LG Datasheet HTML 19Page - Supertex, Inc HV311LG Datasheet HTML 20Page - Supertex, Inc HV311LG Datasheet HTML 21Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
HV301/HV311
Redundant Supplies
Many systems use redundant primary power supplies or battery
backup. When redundant AC powered sources are used they are
generally diode OR’ed to the load on the hot terminal.
For these systems, the use of independent hotswap controllers
is recommended with the diode OR’ing provided after the hotswap
Application Information, cont’d.
controllers. The HV311 is ideally suited for such applications
since two or more active low PWRGD signals can be connected
to a single active low ENABLE pin, thus enabling the load as long
as at least one primary power source is available. By adding low
current 100V diodes in series with the V
DD pins, full reverse
polarity protection on either power source is also provided
(Application Circuit 13).
Application Circuit 13
VDD
UV
OV
VEE
SENSE GATE
RAMP
-48V
Cload
+5V
8
3
2
COM
1
GND
VDD
UV
OV
VEE
SENSE GATE
RAMP
-48V
R4
60m
Ω
R1
487k
Ω
R2
6.81k
Ω
R3
9.76k
Ω
Q1
IRF530
8
3
2
5
74
1
GND
C1
10nF
D1
D1
D2
D2
PS1
PS2
HV301/
HV311
HV301/
HV311
PWRGD
6
PWRGD
R1
487k
Ω
R2
6.81k
Ω
R3
9.76k
Ω
5
74
6
R4
60m
Ω
Q1
IRF530
C1
10nF
DC/DC
PWM
CONVERTER
ENABLE / ENABLE
Note: capacitor may be needed to slow PWRGD dv/dt if
oscillations are observed when V
IN is close to OV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com