Electronic Components Datasheet Search
  English  ▼

X  

HV311LG Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV311LG
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311LG Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV311LG Datasheet HTML 2Page - Supertex, Inc HV311LG Datasheet HTML 3Page - Supertex, Inc HV311LG Datasheet HTML 4Page - Supertex, Inc HV311LG Datasheet HTML 5Page - Supertex, Inc HV311LG Datasheet HTML 6Page - Supertex, Inc HV311LG Datasheet HTML 7Page - Supertex, Inc HV311LG Datasheet HTML 8Page - Supertex, Inc HV311LG Datasheet HTML 9Page - Supertex, Inc HV311LG Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
HV301/HV311
From the calculated resistor values the OV and UV start up
threshold voltages can be calculated as follows:
UV
V
V
RR
RR
R
OV
V
V
R
RR
R
ON
UVH
EEUV on
ON
OVL
EEOV on
==
=
×
+
++
==
=
×
++
126
23
12
3
116
3
12
3
.
.
()
()
Where |
V
EEUV(on)| and |VEEOV(on)| are Under & Over Voltage Start
Up Threshold points relative to V
EE.
Then
V
RR
R
RR
V
V
RR
R
R
V
EEUV on
EEUV on
EEOV on
EEOV on
()
()
()
()
.
.
..
..
.
.
.
..
.
=×
++
+
=×
++
+
=
=×
++
=×
++
126
12
3
23
126
487
6 81
9 76
681
9 76
38 29
116
12
3
3
116
487
6 81
9 76
976
kk
k
kk
V
And
kk
k
k
ΩΩ
Ω
ΩΩ
ΩΩ
Ω
Ω
=
= 59 85
.V
Therefore, the circuit will start when the input supply voltage is
in the range of 38.29V to 59.85V.
Design Information, cont’d.
Undervoltage/Overvoltage Operation
Programming Inrush and I
CB (Circuit Breaker)
Method 1: Inrush independent of I
CB
Max Vt of a typical
power FET
GND
VIN
Pass
Transistor
OFF
ON
UVOFF
UVON
OVOFF
OVON
VSENSE
+ K –
+
–
+
–
5k
2.5
µA
7.5
µA
10
µA
10V
10n
0
µA
0
µA
RAMP
GATE
7.5
µA
Vgs
Cgs
Cgd
C2
–
+
inrush
Rsense=12.5m
Ω
Cdb
(DRAIN)
Cload=100
µF
Vin
dv
df
on Cramp constant
during limiting so no
current flowing into cap
gm(Vgs-Vt)
VSENSE
VSENSE
5k
10V
10n=Cramp
RAMP
terminal
GATE
Termial
1 : 2
Isink
10
µA
Internal Circuitry
mirror
C2
0.75nF
Rsense
Vsense
Cload
48V
10
µA
1.
Choose circuit breaker trip point eg. 8A as follows
Rsense =
Choose inrush level, for example Inrush = 1A
3.
Calculate Isink
Inrush *Rsense
2.5 A
4.
Calculate C discharge limit
= 10 A -Isink = 7.5 A (typical) = iC
4a. Adjust for Auto - retry disable, if used
Vt
R
e.g.
4V
2.5M
= 1.6 A
e.g. iC = 10 A -Isink -1.6 A
2
2
max
disable
2
100
100
8
12 5
2
5
112 5
5
mV
I
mV
m
k
Am
k
CB
==
==
×
=µ
µµ
→
≅
Ω
µ
⇒
µµ
.
.
.
Ω
Ω
Ω
Ω
In this example we assume Auto
In this example we assume Auto - retry is enabled so
ignore 1.6 A,
iC = 10 A -Isink = 7.5 A
5.
Note: i = C
iC = C
Inrush = C
Note V
is fixed and V
is constant during limiting
across C
=
across C (as they share a
common node and their other terminals are fixed during inrush)
Inrush =
by conservation of charge on RAMP Node iC = 7.5 A
Inrush =
.
2
22
load
IN
RAMP
load
2
2
µ
∴
µµ
××
⇒
=
⇒
×
µ
µ×
dv
dt
dv
dt
dv
dt
dv
dt
dv
dt
iC
C
Inrush
C
iC
C
C
AC
load
load
load
2
2
2
2
75
C
C
AC
Inrush
AnF
A
load
2
75
75
100
1
⇒
µ×
=
µ×
C=
.
= 750pF = 0.75nF
Note that RAMP is protected by AC divider and Gate
is clamped internally.
2
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com