Electronic Components Datasheet Search
  English  ▼

X  

HV311LG Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV311LG
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311LG Datasheet(HTML) 7 Page - Supertex, Inc

Back Button HV311LG Datasheet HTML 3Page - Supertex, Inc HV311LG Datasheet HTML 4Page - Supertex, Inc HV311LG Datasheet HTML 5Page - Supertex, Inc HV311LG Datasheet HTML 6Page - Supertex, Inc HV311LG Datasheet HTML 7Page - Supertex, Inc HV311LG Datasheet HTML 8Page - Supertex, Inc HV311LG Datasheet HTML 9Page - Supertex, Inc HV311LG Datasheet HTML 10Page - Supertex, Inc HV311LG Datasheet HTML 11Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
HV301/HV311
The timing functions are defined by the following equations:
t
C
I
tV
C
I
tt
t
t
C
g
I
I
R
R
tV
C
I
tV
V
C
I
START
RAMP
RAMP
TH
GS th
RAMP
RAMP
POR
START
TH
RISE
RAMP
fs
RAMP
LIMIT
SENSE
FB
LIMIT
IN
LOAD
LIMIT
PWRGD
INT
GS
RAMP
RAMP
=
=
=+
≈
−
≈
=
−−
()
24
09
12
.
.
.
()
()
LIMIT
Timing (Servo Mode)
Design Information, cont’d.
Programming Inrush and I
CB, continued:
Method 2: Inrush = 1/2 I
CB (Servo Mode)
i)
start with 2nF from gate to source
ii) increase to 10nF if needed
iii) add 1k series resistor from gate to capacitor if needed
Capacitor and/or
compensation resistor
will reduce peaking
GND
-48V
VIN
IIN
t
START
contact
bounce
I
LIM
PWRGD
V
UVL
t
RISE
t
PWRGD
VGATE
Initialization
Limiting
Full On
V
GATE
VOUT
t
LIM
t
TH
VRAMP
V
RAMP
V
GATE
inactive
active
V
OUT
V
IN
V
GS(th)
V
GS(lim)
V
EE
t
POR
90%
1.
Choose I
=
100mV
R
e.g. 2A
R
= 50m
2.
Inrush =
50mv
R
, e.g.
50mV
50m
=1A
3.
Add compensation components from gate to drain if
necessary to reduce peaking.
CB
SENSE
SENSE
SENSE
,
⇒Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com