Electronic Components Datasheet Search
  English  ▼

X  

HV311LG Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV311LG
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311LG Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV311LG Datasheet HTML 5Page - Supertex, Inc HV311LG Datasheet HTML 6Page - Supertex, Inc HV311LG Datasheet HTML 7Page - Supertex, Inc HV311LG Datasheet HTML 8Page - Supertex, Inc HV311LG Datasheet HTML 9Page - Supertex, Inc HV311LG Datasheet HTML 10Page - Supertex, Inc HV311LG Datasheet HTML 11Page - Supertex, Inc HV311LG Datasheet HTML 12Page - Supertex, Inc HV311LG Datasheet HTML 13Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
HV301/HV311
Application Information
Supported External Pass Devices
The HV301 and HV311 are designed to support N-Channel
MOSFETs and IGBTs.
Selection of External Pass Devices
Since the current limit is likely to be set just slightly higher than
maximum continuous load current in a typical system, the
continuous current rating of the device will have to be at least
equal to the current limit value.
The
R
DS(ON) of the device is likely to be selected based on
allowable voltage drop after the hot swap action has been
completed. Thus the continuous power dissipation rating of the
device can be determined from the following equation:
PR
I
CONT
DS ON
LIMIT
=×
()
2
The peak power rating may be calculated from the following
equation:
PV
I
PEAK
IN
LIMIT
=×
Given these values an external pass transistor may be selected
from the manufacturers data sheet.
Selection of Current Sense Resistor
The power rating of the sense resistor must be greater than
IR
load
2
×
, where Iload is the normal maximum operating load.
Kelvin Connection to Sense Resistor
Physical layout of the printed circuit board is critical for correct
current sensing. Ideally trace routing between the current sense
resistor and the V
EE and SENSE pins should be direct and as
short as possible with zero current in the sense traces. The use
of Kelvin connection from SENSE pin and V
EE pin to the respec-
tive ends of the current sense resistor is recommended.
Paralleling External Pass Transistors
Due to variations in threshold voltages and gain characteristics
between samples of transistors reliable 50% current sharing is
not achievable. Some measure of paralleling may be accom-
plished by adding resistors in series with the source of each
device; however, it will cause increased voltage drop and power
dissipation.
Paralleling of external Pass devices is not recommended!
If a sufficiently high current rated external pass transistor cannot
be found then increased current capability may be achieved by
connecting independent hotswap circuits in parallel, since they
act as current sources during the load capacitor charging time
when the circuits are in current limit. For this application the
HV301 with active high PWRGD is recommended where the
PWRGD pins of multiple hot swap circuits can be connected in
a wired OR configuration.
To Negative
Terminal of
Power Source
To Source
of MOSFET
To
VEE
Pin
Sense Resistor
To
SENSE
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com