Electronic Components Datasheet Search
  English  ▼

X  

LT1782CS6 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1782CS6
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782CS6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1782CS6 Datasheet HTML 5Page - Linear Technology LT1782CS6 Datasheet HTML 6Page - Linear Technology LT1782CS6 Datasheet HTML 7Page - Linear Technology LT1782CS6 Datasheet HTML 8Page - Linear Technology LT1782CS6 Datasheet HTML 9Page - Linear Technology LT1782CS6 Datasheet HTML 10Page - Linear Technology LT1782CS6 Datasheet HTML 11Page - Linear Technology LT1782CS6 Datasheet HTML 12Page - Linear Technology LT1782CS6 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1782
Gain Bandwidth Product vs
Temperature
Slew Rate vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
Gain Bandwidth Product and
Phase Margin vs Load Resistance
PSRR vs Frequency
CMRR vs Frequency
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1782 G11
230
220
210
200
190
180
170
f = 5kHz
VS = ±2.5V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1782 G12
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
VS = ±2.5V
RISING
FALLING
TOTAL SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
1782 G13
240
220
200
180
160
60
55
50
AV = –1
RF = RG = 10k
f = 5kHz
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
LOAD RESISTANCE (
Ω)
1k
250
200
150
100
50
70
60
50
10k
100k
1782 G14
VS = ±2.5V
AV = –1
RF = RG = 10k
f = 5kHz
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
FREQUENCY (Hz)
1k
90
80
70
60
50
40
30
20
10
0
–10
10k
100k
1M
1782 G15
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
FREQUENCY (Hz)
1k
110
100
90
80
70
60
50
40
30
10k
100k
1782 G16
VS = ±2.5V
Output Impedance vs Frequency
FREQUENCY (Hz)
100
0.1
10
10k
10k
1k
100k
1M
1782 G17
1
100
1k
AV = 100
VS = ±2.5V
AV = 10
AV = 1
FREQUENCY (Hz)
100
100
10k
1M
1k
10k
100k
1M
1782 G17a
1k
100k
VS = ±2.5V
VPIN5 (SHUTDOWN) = 2.5V
Disabled Output Impedance vs
Frequency (Note 8)
Settling Time to 0.1% vs Output
Step
SETTLING TIME (
µs)
25
30
35
40
50
60
70
80
1782 G18
4
3
2
1
0
–1
–2
–3
–4
AV = 1
AV = –1
AV = 1
AV = –1
VS = ±5V
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com