Electronic Components Datasheet Search
  English  ▼

X  

LT1782CS6 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1782CS6
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782CS6 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1782CS6 Datasheet HTML 8Page - Linear Technology LT1782CS6 Datasheet HTML 9Page - Linear Technology LT1782CS6 Datasheet HTML 10Page - Linear Technology LT1782CS6 Datasheet HTML 11Page - Linear Technology LT1782CS6 Datasheet HTML 12Page - Linear Technology LT1782CS6 Datasheet HTML 13Page - Linear Technology LT1782CS6 Datasheet HTML 14Page - Linear Technology LT1782CS6 Datasheet HTML 15Page - Linear Technology LT1782CS6 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1782
1782fa LT/TP 0501 1.5K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
–
+
LT1782
R1
LT1634-1.25
1782 TA02
VCC
IOUT =
2N3906
1.25V
R1
Current Source
PART NUMBER
DESCRIPTION
COMMENTS
LT1783
Micropower Over-The-Top SOT-23 Rail-to-Rail Input
SOT-23 Package, Micropower 210
µA per Amplifier, Rail-to-Rail Input
and Output Op Amp
and Output , 1.25MHz GBW
LT1490/LT1491
Dual/Quad Over-The-Top Micropower Rail-to-Rail Input
Single Supply Input Range: –0.4V to 44V, Micropower 50
µA per
and Output Op Amps
Amplifier, Rail-to-Rail Input and Output , 200kHz GBW
LT1636
Single Over-The-Top Micropower Rail-to-Rail Input
55
µA Supply Current, VCM Extends 44V Above VEE, Independent of
and Output Op Amp
VCC, MSOP Package, Shutdown Function
LT1638/LT1639
Dual/Quad, 1.2MHz, 0.4V/
µs, Over-The-Top Micropower
170
µA Supply Current, Single Supply Input Range: –0.4V to 44V,
Rail-to-Rail Input and Output Op Amps
Rail-to-Rail Input and Output
RELATED PARTS
TYPICAL APPLICATIO S
–
+
LT1782
VCC
SHDN
IN
OUT
1782 TA05a
VEE
R2
9.09k
R1
10k
R3
1k
–
+
LT1784
VCC
VCC
AV = 2
AV = 20
SHDN
VEE
()
AV = 1+
R1 + R2
R3
()
OR
1+
R1
R2 + R3
Programmable Gain, AV = 2, AV = 20, 100kHz Amplifier
Programmable Gain Amplifier Frequency Response
FREQUENCY (Hz)
30
25
20
15
10
5
0
–5
–10
–15
–20
1k
100k
1M
10M
1782 TA05b
10k
AV = 20
AV = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com