Electronic Components Datasheet Search
  English  ▼

X  

LT1782CS6 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1782CS6
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782CS6 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1782CS6 Datasheet HTML 8Page - Linear Technology LT1782CS6 Datasheet HTML 9Page - Linear Technology LT1782CS6 Datasheet HTML 10Page - Linear Technology LT1782CS6 Datasheet HTML 11Page - Linear Technology LT1782CS6 Datasheet HTML 12Page - Linear Technology LT1782CS6 Datasheet HTML 13Page - Linear Technology LT1782CS6 Datasheet HTML 14Page - Linear Technology LT1782CS6 Datasheet HTML 15Page - Linear Technology LT1782CS6 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1782
1782 TA03
–18V
24V
V+
LT1782
5V
OK!
OK!
+
18V
5V
10V
5V
OK!
OK!
+
REVERSE BATTERY
INPUT OVERVOLTAGE
INPUT DIFFERENTIAL VOLTAGE
INPUT BELOW GROUND
LT1782
LT1782
LT1782
Protected Fault Conditions
TYPICAL APPLICATIO S
Compact, High Output Current, Low Dropout, Precision 2.5V Supply
–
+
LT1782
VS
2.8V to 3.3V
SUPPLY CURRENT
≅ 120µA, NO LOAD
ILOAD = 0mA TO 300mA
NOTE: NOT CURRENT LIMITED
0.1
µF
1
µF
1782 TA04
1k
5%
22
Ω
5%
680
Ω
5%
100k
5%
VISHAY
SILICONIX
Si3445DV
VOUT
2.5V
LT1790-2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com