Electronic Components Datasheet Search
  English  ▼

X  

LT1782CS6 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1782CS6
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782CS6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1782CS6 Datasheet HTML 6Page - Linear Technology LT1782CS6 Datasheet HTML 7Page - Linear Technology LT1782CS6 Datasheet HTML 8Page - Linear Technology LT1782CS6 Datasheet HTML 9Page - Linear Technology LT1782CS6 Datasheet HTML 10Page - Linear Technology LT1782CS6 Datasheet HTML 11Page - Linear Technology LT1782CS6 Datasheet HTML 12Page - Linear Technology LT1782CS6 Datasheet HTML 13Page - Linear Technology LT1782CS6 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1782
Capacitive Load Handling
Overshoot vs Capacitive Load
Undistorted Output Swing vs
Frequency
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Load Resistance
Total Harmonic Distortion + Noise
vs Output Voltage Amplitude
Open-Loop Gain
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
10000
1782 G19
VS = 5V, 0V
VCM = 2.5V
AV = 1
AV = 5
AV = 10
FREQUENCY (Hz)
100
1k
10k
100k
12
10
8
6
4
2
0
1782 G20
DISTORTION
≤ 1%
AV = 1
VS = ±1.5V
VS = ±5V
FREQUENCY (Hz)
0.010
0.1
10
1k
10k
1782 G21
0.001
100
1
AV = –1
RF = RG = 100k
AV = 1
VS = 3V, 0V
VOUT = 2VP-P
VCM = 1.2V
RL = 10k
LOAD RESISTANCE TO GROUND (
Ω)
0.1
1
100
100k
1782 G22
0.01
0.001
1k
10k
10
VS = 3V TOTAL
AV = 1
VIN = 2VP-P AT 1kHz
VS = ±1.5V
VIN = ±1V
VS = 3V, 0V
VIN = 0.5V TO 2.5V
VS = 3V, 0V
VIN = 0.2V TO 2.2V
OUTPUT VOLTAGE AMPLITUDE (VP-P)
0.1
1
0123
1782 G23
0.01
0.001
10
AV = –1, RF = RG = 100k
VS = ±1.5V
VCM = 0V
AV = 1
VS = ±1.5V
VCM = 0V
f = 1kHz, RL = 10k
AV = –1, RF = RG = 100k
VS = 3V, 0V
VCM = 1.5V
AV = 1
VS = 3V. 0V
VCM = 1.5V
OUTPUT VOLTAGE (V)
–6 –5 –4 –3 –2 –1 0
1
2
3
456
1782 G24
RL = 10k
RL = 50k
RL = 2k
VS = ±5V
Supply Current vs Shutdown
Voltage
Large-Signal Response
Small-Signal Response
SHUTDOWN PIN VOLTAGE (V)
0
0.5
1
1.5
2
2.5
1782 G25
50
40
30
20
10
0
TA = 25°C
TA = –55°C
TA = 125°C
VS = 5V, 0V
VS = ±5V
1782 G26
AV = 1
CL = 15pF
VS = ±5V
1782 G27
AV = 1
CL = 15pF
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com