Electronic Components Datasheet Search
  English  ▼

X  

LT1782CS6 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1782CS6
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782CS6 Datasheet(HTML) 3 Page - Linear Technology

  LT1782CS6 Datasheet HTML 1Page - Linear Technology LT1782CS6 Datasheet HTML 2Page - Linear Technology LT1782CS6 Datasheet HTML 3Page - Linear Technology LT1782CS6 Datasheet HTML 4Page - Linear Technology LT1782CS6 Datasheet HTML 5Page - Linear Technology LT1782CS6 Datasheet HTML 6Page - Linear Technology LT1782CS6 Datasheet HTML 7Page - Linear Technology LT1782CS6 Datasheet HTML 8Page - Linear Technology LT1782CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1782
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, for the 6-lead part VPIN5 = 0V, pulse power tested unless otherwise specified.
LT1782C/LT1782I
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
Differential
q
3.4
6.5
M
Ω
Common Mode, VCM = 0V to (VCC – 1V)
5
G
Ω
Common Mode, VCM = 0V to 18V
q
1.5
3
M
Ω
CIN
Input Capacitance
5pF
Input Voltage Range
q
018
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to VCC – 1V
q
90
100
dB
(Note 5)
VCM = 0V to 18V (Note 8)
q
68
80
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 12.5V, VCM = VO = 1V
q
90
100
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
200
1500
V/mV
VS = 3V, 0°C ≤ TA ≤ 70°C
q
133
V/mV
VS = 3V, –40°C ≤ TA ≤ 85°C
q
100
V/mV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
400
1500
V/mV
VS = 5V, 0°C ≤ TA ≤ 70°C
q
250
V/mV
VS = 5V, –40°C ≤ TA ≤ 85°C
q
200
V/mV
VOL
Output Voltage Swing LOW
No Load
q
38
mV
ISINK = 5mA
q
200
500
mV
VS = 5V, ISINK = 10mA
q
400
800
mV
VOH
Output Voltage Swing HIGH
VS = 3V, No Load
q
2.91
2.94
V
VS = 3V, ISOURCE = 5mA
q
2.6
2.8
V
VS = 5V, No Load
q
4.91
4.94
V
VS = 5V, ISOURCE = 10mA
q
4.5
4.74
V
ISC
Short-Circuit Current (Note 2)
VS = 3V, Short to GND
5
10
mA
VS = 3V, Short to VCC
15
30
mA
VS = 5V, Short to GND
15
30
mA
VS = 5V, Short to VCC
20
40
mA
Minimum Supply Voltage
q
2.7
V
Reverse Supply Voltage
IS = –100µA
q
18
V
IS
Supply Current
40
55
µA
(Note 6)
0
°C ≤ TA ≤ 70°C
q
60
µA
–40
°C ≤ TA ≤ 85°C
q
65
µA
Supply Current, SHDN
VPIN5 = 2V, No Load (Note 10)
q
515
µA
ISHDN
Shutdown Pin Current
VPIN5 = 0.3V, No load (Note 10)
q
0.5
nA
VPIN5 = 2V, No Load (Note 10)
q
28
µA
VPIN5 = 5V, No Load (Note 10)
q
5
µA
Shutdown Output Leakage Current
VPIN5 = 2V, No Load (Note 10)
q
0.05
1
µA
Maximum Shutdown Pin Current
VPIN5 = 18V, No Load (Note 10)
q
10
30
µA
VL
Shutdown Pin Input Low Voltage
(Note 10)
q
0.3
V
VH
Shutdown Pin Input High Voltage
(Note 10)
q
2V
tON
Turn-On Time
VPIN5 = 5V to 0V, RL = 10k (Note 10)
100
µs
tOFF
Turn-Off Time
VPIN5 = 0V to 5V, RL = 10k (Note 10)
6
µs
GBW
Gain Bandwidth Product
f = 5kHz
110
200
kHz
(Note 5)
0
°C ≤ TA ≤ 70°C
q
100
kHz
–40
°C ≤ TA ≤ 85°C
q
90
kHz
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com