Electronic Components Datasheet Search
  English  ▼

X  

TC820 Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC820
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820 Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC820 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 15Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
3-159
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
If the logic probe is active while FREQ/VOLTS is high
(counter mode), the frequency counter will continue to
operate. The display will read "OL" but the decimal points will
be visible. If the logic probe input is also connected to the
RANGE/FREQ input, bringing the LOGIC input low will
immediately display the frequency at the logic probe input.
Analog Pin Functional Description
Differential Signal Inputs (V
+
IN), (V
–
IN)
The TC820 is designed with true differential inputs, and
accepts input signals within the input stage common-mode
voltage (VCM) range. The typical range is VDD –1V to VSS
+1.5V. Common-mode voltages are removed from the sys-
tem when the TC820 operates from a battery or floating
power source (isolated from measured system) and VSS is
connected to analog common. (See Figure 8.)
TC820
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
Thus, the counter will operate with a 1-second time base
when a 40 kHz oscillator is used. The frequency counter
accuracy is determined by the oscillator accuracy. For
accurate frequency measurements, a crystal oscillator is
recommended.
The frequency counter will automatically select the
proper range. Auto-range operation extends over four
decades, from 3.999 kHz to 3.999 MHz. Decimal points are
set automatically in the frequency mode (Figure 5).
The logic switching levels of the RANGE/FREQ input
are CMOS levels. For best counter operation, an external
buffer is recommended. See the applications section for
details.
Logic Probe
The TC820 can also function as a simple logic probe
(Figure 6). This mode is selected when the LOGIC input is
high. Two dual-purpose pins, which normally control the
decimal points, are used as logic inputs. Connecting either
input to a logic high level will turn on the corresponding LCD
annunciator. When the "low" annunciator is on the buzzer
will be on. As with the frequency counter input, external level
shifters/buffers are recommended for the logic probe inputs.
When the logic probe function is selected while FREQ/
VOLTS is low (A/D mode), the ADC will remain in the auto-
zero mode. The LCD will read "OL" and all decimal points will
be off (Figure 7).
DATA LATCH, PEAK
HOLD REGISTER,
LCD DECODER/DRIVERS
OVERRANGE
DETECT
UNDERRANGE
DETECT
AUTO-RANGE
CONTROL
PROGRAMMABLE
DIVIDER
(
÷1, 10, 100, 1000)
CLOCK
OSCILLATOR
TO DECIMAL
POINT DRIVERS
FREQUENCY
INPUT
RANGE/
FREQ
÷20,000
FROM INTEGRATOR
OF A/D CONVERTER
COMPARATOR
LCD
3-3/4 DIGIT COUNTER
ENABLE
COUNT
OVERFLOW
A/D CONVERTER
FREQUENCY COUNTER
A/D CONVERTER/FREQUENCY
COUNTER SELECT
TC820
÷2
FREQ/
VOLTS
Figure 4. TC820 Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com